Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 70Page - Renesas Technology Corp UPD77533 Datasheet HTML 71Page - Renesas Technology Corp UPD77533 Datasheet HTML 72Page - Renesas Technology Corp UPD77533 Datasheet HTML 73Page - Renesas Technology Corp UPD77533 Datasheet HTML 74Page - Renesas Technology Corp UPD77533 Datasheet HTML 75Page - Renesas Technology Corp UPD77533 Datasheet HTML 76Page - Renesas Technology Corp UPD77533 Datasheet HTML 77Page - Renesas Technology Corp UPD77533 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
Data Sheet S15671EJ4V0DS
72
µµµµPD77533
DC Characteristics (TA =
−20 to +85°C, IVDD, AVDD = 1.425 to 1.65 V, EVDD = 2.7 to 3.6 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIHN
Other than Schmitt input pins
0.7 EVDD
−
EVDD
V
VIHS
Schmitt input pins
0.8 EVDD
−
EVDD
V
VIHC
Clock input pins
GPSCLK, REFCLK
0.6 EVDD
−
EVDD
V
Input voltage, low
VIL
Other than clock input pins
0
−
0.2 EVDD
V
VILC
Clock input pins
GPSCLK, REFCLK
0
−
0.4 EVDD
V
Output voltage, high
VOH
IOH =
−2.0 mA
0.7 EVDD
−−
V
IOH =
−100
µA
0.8 EVDD
−−
Output voltage, low
VOL
IOL = 2.0 mA
−−
0.2 EVDD
V
Input leakage current, high
ILH
VI = EVDD
0
−
10
µA
Input leakage current, low
ILL
VI = EVDD
−10
−
0
µA
Pulled-up pin current
IPUI
0 V < VI < EVDD
−250
−
0
µA
Pulled-down pin current
IPDI
0 V < VI < EVDD
0
−
250
µA
IEVDD
−
2
Note 1
−
mA
IIVDD
−
34
Note 1
38
mA
Normal power supply current
IAVDD
Operation mode, Tcyc = 12.2 ns,
IVDD, AVDD = 1.5 V,
EVDD = 3.0 V
−
1
Note 1
2mA
IEVDDH
−−
−
mA
IIVDDH
−−
Power supply current in HALT
mode
IAVDDH
HALT mode, Tcyc = 12.2 ns,
IVDD, AVDD = 1.5 V,
EVDD = 3.0 V
−−
5
Note 2
mA
IEVDDS
−−
IIVDDS
−−
Power supply current in STOP
mode
IAVDDS
STOP mode, TA = 25
°C,
IVDD, AVDD = 1.5 V,
EVDD = 3.0 V
−−
700
Note 3
µA
Notes 1. Reference value
2. Sum of IIVDDH and IAVDDH.
3. Sum of IEVDDS, IIVDDS, and IAVDDS.
AC Characteristics
• Test waveforms
0.8 EVDD
0.5 EVDD
0.2 EVDD
0.8 EVDD
0.5 EVDD
0.2 EVDD
Measurement
points
Schmitt pins
0.7 EVDD
0.5 EVDD
0.2 EVDD
0.7 EVDD
0.5 EVDD
0.2 EVDD
Measurement
points
Other than Schmitt pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com