Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 48Page - Renesas Technology Corp UPD77533 Datasheet HTML 49Page - Renesas Technology Corp UPD77533 Datasheet HTML 50Page - Renesas Technology Corp UPD77533 Datasheet HTML 51Page - Renesas Technology Corp UPD77533 Datasheet HTML 52Page - Renesas Technology Corp UPD77533 Datasheet HTML 53Page - Renesas Technology Corp UPD77533 Datasheet HTML 54Page - Renesas Technology Corp UPD77533 Datasheet HTML 55Page - Renesas Technology Corp UPD77533 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
Data Sheet S15671EJ4V0DS
50
µµµµPD77533
15.1.2 Processing of baud rate change command (“Set Baud Rate”)
The baud rate change command is processed as follows.
(1) A response to the command is created and sent to the LS.
(2) The system waits until response transmission is complete.
(3) The baud rate is changed in accordance with the command.
15.2 Set Baud Rate
This command is used to change the baud rate between the host CPU and the LS.
This command must be processed by the host CPU; it is not processed by the
µPD77533.
Figure 15-1. Set Baud Rate Flow
15.2.1 $BD
Table 15-3. $BD Format (in Unpacketed State)
Section
Number of Bits
Format
Description
Header
8
−
$
Command ID
16
−
BD
Data
Baud rate
8
unsigned
See Table 15-5 List of Baud Rates
Checksum
16
−
Checksum
End-of-packet
16
−
<0x0D><0x0A>
15.2.2 !bd
Table 15-4. !bd Format (in Unpacketed State)
Section
Number of Bits
Format
Description
Header
8
−
!
Command ID
16
−
bd
Data
Result code
8
unsigned
0 = OK
Else = Error
Baud rate
8
unsigned
See Table 15-5 List of Baud Rates
Checksum
16
−
Checksum
End-of-packet
16
−
<0x0D><0x0A>
PD77533
µ
Host CPU
LS
!bd
$BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com