Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 27Page - Renesas Technology Corp UPD77533 Datasheet HTML 28Page - Renesas Technology Corp UPD77533 Datasheet HTML 29Page - Renesas Technology Corp UPD77533 Datasheet HTML 30Page - Renesas Technology Corp UPD77533 Datasheet HTML 31Page - Renesas Technology Corp UPD77533 Datasheet HTML 32Page - Renesas Technology Corp UPD77533 Datasheet HTML 33Page - Renesas Technology Corp UPD77533 Datasheet HTML 34Page - Renesas Technology Corp UPD77533 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
Data Sheet S15671EJ4V0DS
29
µµµµPD77533
6. SYSTEM CONTROL
6.1
FCC Function
The FCC (Frequency Calibration Control) function is used to adjust the accuracy of the local clock (clock signal
input to GPSCLK input pin; 16.384 MHz) using the higher-accuracy reference clock (clock signal input to REFCLK
input pin).
With the
µPD77533, the reference clock used by the FCC function must be supplied during positioning (during
SnapShot) processing. The accuracy of the local clock adjusted by FCC is up to about
±10 ppm.
The following three commands are related to the FCC function.
• “Frequency Calibration Control” (CMD-ID:0x06)
• “FCC Reference Frequency” (CMD-ID:0x02)
• “Doppler Search Range” (CMD-ID:0x57)
6.1.1 Frequency Calibration Control
The Frequency Calibration Control command (CMD-ID: 0x06) is used to set and check whether the FCC function
is enabled or disabled.
For how to set this command, see 16.6 Frequency Calibration Control.
6.1.2 FCC Reference Frequency
The FCC Reference Frequency command (CMD-ID: 0x02) is used to set and check the reference frequency for
the FCC function.
The initial setting for the reference clock is 14.4 MHz.
The value is set as 4-byte data that is the frequency multiplied by 1.024 (therefore the initial value is 0x00E10000
(14.4
× 1.024)).
For details, see 16.2 FCC Reference Frequency.
6.1.3 Doppler Search Range
The Doppler Search Range command (CMD-ID: 0x57) is used to set the Doppler search range (search range of
receive signal frequency). The initial value is 360 Hz (0x168).
The value to be set as the Doppler search range is determined by the local and reference clocks. The calculation
method is shown below.
The minimum value of the Doppler search range parameter (Hz) is calculated as follows.
Doppler search range = 2
× | |DIFr| - |DIFi| | (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com