Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 79Page - Renesas Technology Corp UPD77533 Datasheet HTML 80Page - Renesas Technology Corp UPD77533 Datasheet HTML 81Page - Renesas Technology Corp UPD77533 Datasheet HTML 82Page - Renesas Technology Corp UPD77533 Datasheet HTML 83Page - Renesas Technology Corp UPD77533 Datasheet HTML 84Page - Renesas Technology Corp UPD77533 Datasheet HTML 85Page - Renesas Technology Corp UPD77533 Datasheet HTML 86Page - Renesas Technology Corp UPD77533 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
Data Sheet S15671EJ4V0DS
81
µµµµPD77533
20. APPLICATION CIRCUIT EXAMPLE
RXD
RTS
CTS
TXD
REFCLK
TXACTV
RESETB
WKUPB
STNDBYB
INVRX
MCSB
MRDB
MWRB
MA19 to MA0
MD15 to MD0
RFON
AGC
DCOFF
ADDI3 to ADDI0
(4 bits of MSBs are used.)
ADSCK
GPSCLK
PD77533
µ
Host
CPU
PDC
module
(10 to 20 MHz)
Power
supply
RF block power
supply control
VCC
PD4616112
µ
ADC
PB1007
µ
RF blockNote
1575.42 MHz
TCXO
16.384 MHz
/CS
/OE
/WE
A19 to A0
I/O15 to I/O0
4
20
16
Mobile specified RAM
RF/IF frequency down converter + PLL frequency synthesizer IC
VGC (IF-MIX)
REFin1
2ndIFout
Caution The system gain of the
µµµµPD77533 is 60.1 dB.
Note The following shows the recommended operation environment for the GPS signal input portion (RF block)
to the
µPD77533.
Parameter
Value
Accuracy of input clock to REFCLK
<
±0.1 ppm
Local oscillator stability
Accuracy of input clock to GPSCLK
Not used
Resolution of A/D converter
4 bits or more
Conversion speed of A/D converter
8.192 MHz
System NF
< 2 dB
In-band supurious
In the band of the center frequency of the last IF signal
±1 MHz, the total power of
supurious should be less
−20 dBc with reference to the IF noise level.
Average antenna gain
−6 dBi or more (linear)
If the recommended accuracy of the local oscillator stability cannot be obtained, it is possible to use the FCC
function via REFCLK (refer to 6.1 FCC Function). In this case, however, the positioning time and sensitivity may be
degraded.
An example is shown below (in this example, the positioning time is approximately 30 seconds max., and the
sensitivity is hardly degraded at all).
Accuracy of input clock to REFCLK: <
±0.3 ppm
Accuracy of input clock to GPSCLK: <
±10 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com