Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 72Page - Renesas Technology Corp UPD77533 Datasheet HTML 73Page - Renesas Technology Corp UPD77533 Datasheet HTML 74Page - Renesas Technology Corp UPD77533 Datasheet HTML 75Page - Renesas Technology Corp UPD77533 Datasheet HTML 76Page - Renesas Technology Corp UPD77533 Datasheet HTML 77Page - Renesas Technology Corp UPD77533 Datasheet HTML 78Page - Renesas Technology Corp UPD77533 Datasheet HTML 79Page - Renesas Technology Corp UPD77533 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
Data Sheet S15671EJ4V0DS
74
µµµµPD77533
System Interface
• Reset (RESETB)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
RESETB low-level width
tRWLP
On power application
Note 1
73.2
−−
ns
tRWLS
In STOP mode
73.2
−−
ns
tRWL
In normal mode
73.2
−
ns
In HALT mode
1170
RESETB recovery time
tRRE
In normal mode
73.2
−−
ns
In HALT mode
1170
Output initialization time 1
Note 2
(from RESETB
↓)
tDR1
MA19 to MA0, MCSB, MRDB,
MWRB
−−
tGCIC + 30
ns
Output initialization time 2
Note 2
(from RESETB
↓)
tDR2
MD15 to MD0
−−
tGCIC + 30
ns
Output initialization time 3
Note 2
(from RESETB
↓)
tDR3
RTS, TXD, ADSCK
−−
tGCIC + 30
ns
Output initialization time 4
Note 2
(from RESETB
↓)
tDR4
AGC, DCOFF
−−
tGCIC + 30
ns
Output initialization time 5
Note 2
(from RESETB
↓)
tDR5
RFON
−−
tGCIC + 30
ns
Notes
1.
Measurement of EVDD, IVDD, and AVDD starts at the point they reach the guaranteed operating
voltage after power application.
2.
Output pin signals are undefined from RESETB input to this output initialization time. Also, when
the
µPD77533 is restored from the STOP mode at power application, measurement starts from the
point at which the internal clock starts oscillating stably.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com