Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 23Page - Renesas Technology Corp UPD77533 Datasheet HTML 24Page - Renesas Technology Corp UPD77533 Datasheet HTML 25Page - Renesas Technology Corp UPD77533 Datasheet HTML 26Page - Renesas Technology Corp UPD77533 Datasheet HTML 27Page - Renesas Technology Corp UPD77533 Datasheet HTML 28Page - Renesas Technology Corp UPD77533 Datasheet HTML 29Page - Renesas Technology Corp UPD77533 Datasheet HTML 30Page - Renesas Technology Corp UPD77533 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
Data Sheet S15671EJ4V0DS
25
µµµµPD77533
The control flow when positioning starts from the receiver side differs depending on the system.
An example of the control flow when positioning starts from the receiver side in a GPS evaluation system is
described below.
When positioning starts from the receiver side, the host CPU sends the
µPD77533 the !cb Request command
(CMD-ID: 0x20). Upon receiving the !cb Request command (CMD-ID: 0x20), the
µPD77533 sends the !cb command
to the LS (location server) following the procedure shown in 16.10 !cb Request. After receiving “!cb”, the LS starts
positioning.
If positioning is requested by the LS, this command does not need to be used.
After receiving the positioning command “$JM” from the LS (host CPU), the
µPD77533 automatically executes the
following processing, as illustrated in Figure 5-1.
1. RF block ON
2. GPS signal reception
3. RF block OFF
4. Pseudo range calculation
5. Calculation result notification
6. Positioning end notification
5.1 Items That Must Be Set Before Start of Positioning
The items that must be set before positioning starts after the GPS module is activated are described below.
5.1.1 Reference frequency
Command: FCC Reference Frequency (CMD-ID: 0x02)
The initial value of the reference clock frequency is 14.4 MHz. To use a reference clock with a frequency of other
than 14.4 MHz, change this setting using the FCC Reference Frequency command (CMD-ID: 0x02).
5.1.2 Frequency adjustment function (FCC)
Command: Frequency Calibration Control (CMD-ID: 0x06)
For details of the frequency adjustment function (FCC: Frequency Calibration Control), see 6.1.1 Frequency
Calibration Control.
The initial value is “No FCC”.
If the
µPD77533 local clock (GPSCLK input clock signal, 16.384 MHz) is not accurate enough, in other words, to
use the reference clock (REFCLK input signal) for frequency adjustment, change this setting to “FCC control used”
using the Frequency Calibration Control command (CMD-ID: 0x06).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com