Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 44Page - Renesas Technology Corp UPD77533 Datasheet HTML 45Page - Renesas Technology Corp UPD77533 Datasheet HTML 46Page - Renesas Technology Corp UPD77533 Datasheet HTML 47Page - Renesas Technology Corp UPD77533 Datasheet HTML 48Page - Renesas Technology Corp UPD77533 Datasheet HTML 49Page - Renesas Technology Corp UPD77533 Datasheet HTML 50Page - Renesas Technology Corp UPD77533 Datasheet HTML 51Page - Renesas Technology Corp UPD77533 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
Data Sheet S15671EJ4V0DS
46
µµµµPD77533
14.1.1 Local commands
In the case of a local command, do not send the next command until a command response is returned. The host
CPU only has a one-packet buffer, and therefore must receive responses from the
µPD77533 without delay.
Do not send local commands to which no response is returned while the
µPD77533 is performing signal
processing.
This is because a little time is required to execute a command received while the
µPD77533 is
performing signal processing, making it impossible to know when command execution is complete.
Figure 14-1. Local Command Flow (with No Hardware Flow Control)
14.1.2 Extension commands
Perform processing for the flow point setting command in the same way as for 14.1.1 Local commands.
For flow point output, because packet transmission/reception can be managed via ACK and NACK, there is no
problem as long as the packet from the
µPD77533 is received without delay in the one-packet buffer provided on the
host CPU side.
Figure 14-2. Flow Point Output Flow (with No Hardware Flow Control)
PD77533
µ
Host CPU
Command transmitted
Response returned
The next command must not be
sent between command transmission
and response return
The host CPU must receive
the response without delay
The next command can be sent now
PD77533
µ
Host CPU
Flow point output returned
ACK returned
The host CPU must receive the packet without delay
Nothing except ACK or NACK can be sent between
flow point output return and ACK return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com