Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 33Page - Renesas Technology Corp UPD77533 Datasheet HTML 34Page - Renesas Technology Corp UPD77533 Datasheet HTML 35Page - Renesas Technology Corp UPD77533 Datasheet HTML 36Page - Renesas Technology Corp UPD77533 Datasheet HTML 37Page - Renesas Technology Corp UPD77533 Datasheet HTML 38Page - Renesas Technology Corp UPD77533 Datasheet HTML 39Page - Renesas Technology Corp UPD77533 Datasheet HTML 40Page - Renesas Technology Corp UPD77533 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
Data Sheet S15671EJ4V0DS
35
µµµµPD77533
7.3.2 Restoring from power save mode via command reception
The procedure for returning to normal mode from HALT mode via command reception is shown in Figure 7-5. The
µPD77533 shifts from HALT mode back to normal mode via WKUPB pin input control or by serial command
reception.
Figure 7-5. Restoring from Power Save Mode (HALT) (via Command Reception)
8. DEBUG FUNCTION
The debug function enables the following items to be checked via local commands.
For further details, see the explanation of each command.
Table 8-1. Debug Function
Item
Command
Function
SnapShot memory check
“SnapShot Memory Check”
(CMD-ID:0x2D)
Writes values such as 0x0000 and 0xFFFF to the entire
SnapShot memory area and checks whether these values
can be read correctly.
Serial communication
operation check
“Status Request” (CMD-ID:0x30)
Checks the operation of the
µPD77533.
The
µPD77533 simply sends a response to this command.
Signal processing status
reference
“Processing Status Request”
(CMD-ID:0x33)
References the signal processing status of the
µPD77533
(one of the following).
• Executing SnapShot
• Processing signal
• Idling
During positioning control, the
µPD77533 shifts to the
“executing SnapShot” or “processing signal” mode.
For the mode transition timing, see 5. POSITIONING
CONTROL.
Positioning progress
reference
“Rest Processing”
(CMD-ID:0x34)
References the number of satellites remaining to be
processed and the number of times positioning has been
executed.
µPD77533 version reference
“D77533 Software Version”
(CMD-ID:0x31)
References the version of the
µPD77533 software
(firmware).
PD77533
µ
Host CPU
STNDBYB pin output
= 1 (standby released)
Any command
HALT
RUN
"Power Control"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com