Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 8Page - Renesas Technology Corp UPD77533 Datasheet HTML 9Page - Renesas Technology Corp UPD77533 Datasheet HTML 10Page - Renesas Technology Corp UPD77533 Datasheet HTML 11Page - Renesas Technology Corp UPD77533 Datasheet HTML 12Page - Renesas Technology Corp UPD77533 Datasheet HTML 13Page - Renesas Technology Corp UPD77533 Datasheet HTML 14Page - Renesas Technology Corp UPD77533 Datasheet HTML 15Page - Renesas Technology Corp UPD77533 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
Data Sheet S15671EJ4V0DS
10
µµµµPD77533
• RF control interface
Pin Name
Pin No.
I/O
Function
AGC
H11
Output
(3S)
Auto gain control
See Table 5-1 Output Values of AGC and DCOFF.
DCOFF
H12
Output
(3S)
DC offset control
See Table 5-1 Output Values of AGC and DCOFF.
RFON
H10
Output
RF power control
0: RF off
1: RF on
• A/D converter control
Pin Name
Pin No.
I/O
Function
ADSCK
K10
Output
A/D conversion clock output
ADDI3 to
ADDI0
K12, J11, J12 , J10
Input
A/D conversion data input (4 bits)
• Memory interface
Pin Name
Pin No.
I/O
Function
MCSB
B7
Output
SnapShot memory chip select
Active-low signal.
MRDB
C7
Output
SnapShot memory read strobe
Active-low signal.
MWRB
C5
Output
SnapShot memory write strobe
Active-low signal.
MA19 to MA0
A4, B4, A3, B3, B2, C3, C1,
D2, D1, D3, E2, E1, E3, F1,
F3, G1, G2, H1, H3, H2
Output
SnapShot memory addresses (20 bits)
MD15 to MD0
J1, K2, L2, J3, L3, M3, L4,
M4, K4, L5, M5, K7, L6, K6,
M7, L7
I/O (3S)
SnapShot memory data (16 bits)
Remark
The MD15 to MD0 pins indicated by “3S” in the I/O column become high impedance when the SnapShot
memory (external data memory) is not accessed.
• Other
Pin Name
Pin No.
I/O
Function
I.C.
C6, D12, E10, E11, E12,
F12, G10
−
Internally connected pins
Leave these pins open.
I.C.-RL
F11
−
Internally connected pin
Connect to GND via a resistor.
NC
A1, A11, A12, B5, B8, B12,
G12, L1, M1, M11, M12
−
Non connect pins
Leave these pins open.
Caution If a signal is input to these pins, or if they are read, the operation of the
µµµµPD77533 cannot be
guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com