Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 55Page - Renesas Technology Corp UPD77533 Datasheet HTML 56Page - Renesas Technology Corp UPD77533 Datasheet HTML 57Page - Renesas Technology Corp UPD77533 Datasheet HTML 58Page - Renesas Technology Corp UPD77533 Datasheet HTML 59Page - Renesas Technology Corp UPD77533 Datasheet HTML 60Page - Renesas Technology Corp UPD77533 Datasheet HTML 61Page - Renesas Technology Corp UPD77533 Datasheet HTML 62Page - Renesas Technology Corp UPD77533 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 104 page
background image
Data Sheet S15671EJ4V0DS
57
µµµµPD77533
[Command]
Table 16-8. Format of TXACTV Control
Field
Number of Bytes
Form
Description
CMD-ID
1
−
0x07
LENGTH
1
−
1 = Sets use of TXACTV control
0 = References current TXACTV control usage
DATA
TXACTV control
(when LENGTH = 1)
1
unsigned
0 = TXACTV control not used (default)
Else = TXACTV control used
FLAG
1
−
0x03
[Response]
The value set or current value is returned in the format shown in Table 16-8.
16.8 Sleep Timer
[Function]
Sets and references the sleep timer.
Figure 16-8. Sleep Timer Flow
[Command]
Table 16-9. Format of Sleep Timer
Field
Number of Bytes
Form
Description
CMD-ID
1
−
0x12
LENGTH
1
−
4 = Sets sleep timer
0 = References current sleep timer setting
DATA
Mode
(when LENGTH = 4)
1
unsigned
0 = Shifts to HALT
Else = Shifts to STOP
Time until sleep
(when LENGTH = 4)
3
unsigned
Time until the
µPD77533 is shifted to sleep mode.
Unit = ms.
0 = Not shifted to sleep mode (default)
FLAG
1
−
0x03
[Response]
The value set or current value is returned in the format shown in Table 16-9.
PD77533
µ
Host CPU
CMD-ID = 0x12
CMD-ID = 0x12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com