Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 69Page - Renesas Technology Corp UPD77533 Datasheet HTML 70Page - Renesas Technology Corp UPD77533 Datasheet HTML 71Page - Renesas Technology Corp UPD77533 Datasheet HTML 72Page - Renesas Technology Corp UPD77533 Datasheet HTML 73Page - Renesas Technology Corp UPD77533 Datasheet HTML 74Page - Renesas Technology Corp UPD77533 Datasheet HTML 75Page - Renesas Technology Corp UPD77533 Datasheet HTML 76Page - Renesas Technology Corp UPD77533 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
Data Sheet S15671EJ4V0DS
71
µµµµPD77533
19. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Rating
Unit
IVDD
For core
−0.5 to +2.6
V
Supply voltage
Internal supply
voltage
AVDD
For PLL analog
−0.5 to +2.6
V
External supply
voltage
EVDD
For I/O pins
−0.5 to +4.6
V
Input/output voltage
VI /VO
−0.5 to +4.1,
VI
< VDD +0.5
V
Operating ambient temperature
TA
−20 to +85
°C
Storage temperature
Tstg
−65 to +150
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
IVDD
For core
1.425
1.5
1.65
V
Internal voltage
AVDD
For PLL analog
1.425
1.5
1.65
V
Operating
voltage
External voltage
EVDD
For I/O pins
2.7
−
3.6
V
Input voltage
VI
0
−
EVDD
V
Capacitance
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
f = 1 MHz,
Unmeasured pins returned
to 0 V
−−
10
pF
Output capacitance
COUT
−−
10
pF
I/O capacitance
CI /CO
−−
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com