Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 19Page - Renesas Technology Corp UPD77533 Datasheet HTML 20Page - Renesas Technology Corp UPD77533 Datasheet HTML 21Page - Renesas Technology Corp UPD77533 Datasheet HTML 22Page - Renesas Technology Corp UPD77533 Datasheet HTML 23Page - Renesas Technology Corp UPD77533 Datasheet HTML 24Page - Renesas Technology Corp UPD77533 Datasheet HTML 25Page - Renesas Technology Corp UPD77533 Datasheet HTML 26Page - Renesas Technology Corp UPD77533 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
Data Sheet S15671EJ4V0DS
21
µµµµPD77533
4.2.1 Character timeout setting
The initial value of the character timeout timer value is 0 (timeout not detected) (see Table 3-2 Initial Values of
Internal Parameters).
It is therefore recommended to get the host CPU to set this timer to a value other than 0 immediately after the
µPD77533 (GPS receiver) is activated (see Figure 3-3 Host CPU Processing Procedure at µµµµPD77533 Startup).
The flow for setting the character timeout timer value is shown in Figure 4-5 below.
The timer value can be set to a time within a range of 0 to 16777215 ms. Note that timeout processing is not
performed if the timer value is set to 0.
Figure 4-5. Character Timeout Timer Setting
PD77533
µ
Host CPU
Timer value setting
Character timeout (timer value)
Character timeout (timer value)
4.2.2 Character timeout operation
The timeout operation that occurs as a result of the character timeout settings in 4.2.1 is shown in Figure 4-6
below. After discarding the command data received up to the interruption, the
µPD77533 sends the host CPU the
Error Status command (CMD-ID: 0x3F).
Figure 4-6. Character Timeout Occurrence
PD77533
µ
Host CPU
Command data
interruption detected,
timer operating,
waiting for packet
continuance
Command (up to data received
before interruption)
Previous command
re-sent
Command
Timer timeout
Received data discarded
Error Status (Timeout Error)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com