Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 86Page - Renesas Technology Corp UPD77533 Datasheet HTML 87Page - Renesas Technology Corp UPD77533 Datasheet HTML 88Page - Renesas Technology Corp UPD77533 Datasheet HTML 89Page - Renesas Technology Corp UPD77533 Datasheet HTML 90Page - Renesas Technology Corp UPD77533 Datasheet HTML 91Page - Renesas Technology Corp UPD77533 Datasheet HTML 92Page - Renesas Technology Corp UPD77533 Datasheet HTML 93Page - Renesas Technology Corp UPD77533 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
Data Sheet S15671EJ4V0DS
88
µµµµPD77533
Len = RecvDataFromGm(Buf);
if(CompareData(Buf, Len, ResetRsp, sizeof(ResetRsp)) == 0)
State = STATE_SEND_TIMEOUT;
break;
/*******************************************/
/*
Character Timeout transmission state
*/
/*******************************************/
/*
Send Character Timeout command to GM (timeout set to 1 second) */
case STATE_SEND_TIMEOUT :
SendDataToGm(TimeoutCmdRsp, sizeof(TimeoutCmdRsp));
State = STATE_WAIT_TIMEOUT;
break;
/*
Wait for Character Timeout response */
/*
Wait for Character Timeout response and proceed to next processing when received */
case STATE_WAIT_TIMEOUT :
Len = RecvDataFromGm(Buf);
if(CompareData(Buf, Len, TimeoutCmdRsp, sizeof(TimeoutCmdRsp)) == 0)
State = STATE_SEND_FCC_FREQ;
break;
/***************************************/
/*
FCC Frequency command transmission state
*/
/***************************************/
/*
Send FCC Frequency command to GM (frequency set to 14.4 MHz) */
case STATE_SEND_FCC_FREQ :
SendDataToGm(FccFreqCmdRsp, sizeof(FccFreqCmdRsp));
State = STATE_WAIT_FCC_FREQ;
break;
/*
Wait for FCC Frequency response */
/*
Wait for FCC Frequency and proceed to next processing when received */
case STATE_WAIT_FCC_FREQ :
Len = RecvDataFromGm(Buf);
if(CompareData(Buf, Len, FccFreqCmdRsp, sizeof(FccFreqCmdRsp)) == 0)
State = STATE_SEND_TXACVT;
break;
/********************************/
/*
TXACVT command transmission state */
/********************************/
/*
Send TXACVT command to GM (TXACVT control set to ON) */
case STATE_SEND_TXACVT :
SendDataToGm(TxacvtCmdRsp, sizeof(TxacvtCmdRsp));
State = STATE_WAIT_TXACVT;
break;
/*
Wait for TXACVT response */
/*
Wait for TXACVT response and proceed to next processing when received */
case STATE_WAIT_TXACVT :
Len = RecvDataFromGm(Buf);
if(CompareData(Buf, Len, TxacvtCmdRsp, sizeof(TxacvtCmdRsp)) == 0)
State = STATE_SEND_FCC_CTRL;
break;
/*************************************/
/*
FCC Control command transmission state
*/
/*************************************/
/*
Send FCC Control command to GM (FCC control set to ON) */
case STATE_SEND_FCC_CTRL :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com