Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 34Page - Renesas Technology Corp UPD77533 Datasheet HTML 35Page - Renesas Technology Corp UPD77533 Datasheet HTML 36Page - Renesas Technology Corp UPD77533 Datasheet HTML 37Page - Renesas Technology Corp UPD77533 Datasheet HTML 38Page - Renesas Technology Corp UPD77533 Datasheet HTML 39Page - Renesas Technology Corp UPD77533 Datasheet HTML 40Page - Renesas Technology Corp UPD77533 Datasheet HTML 41Page - Renesas Technology Corp UPD77533 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
Data Sheet S15671EJ4V0DS
36
µµµµPD77533
9. OTHER FUNCTIONS
9.1
Receiver ID Notification
The following two commands are used to notify the LS (location server) of a receiver’s ID number. For details, see
16.18 CA Parameter Set, and 16.19 CB Parameter Set.
• CA Parameter Set (CMD-ID: 0x40)
This command sets or sends notification of the setting of the GPS module’s unit ID and software version.
• CB Parameter Set (CMD-ID: 0x41)
This command sets or sends notification of the setting of the parameters when the positioning start command
(!cb) is issued by the
µPD77533.
10. OVERVIEW OF COMMAND FUNCTIONS
The configuration of a system using the
µPD77533 is shown below. This section will explain the command
interface used between the
µPD77533 and the host CPU.
Figure 10-1. Diagram of GPS Positioning System Configuration
Table 10-1. Function of Each Block
Block
Function
RF
Radio Frequency
Receives radio waves from a GPS satellite and transfers them to the
µPD77533.
µ PD77533
Consists of a DSP core and logic circuits. Processes the signals sent from the RF
block and transfers them to the LS.
Host CPU
Controls the operations of the
µPD77533 and is the mediator in communication
between the
µPD77533 and the LS.
LS
Location Server
Determines the position of the GPS receiver based on the results of the signal
processing performed by the
µPD77533.
PD77533
µ
Host CPU
LS
RF
Communication
via baseband
GPS receiver
Communication
via UART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com