Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 36Page - Renesas Technology Corp UPD77533 Datasheet HTML 37Page - Renesas Technology Corp UPD77533 Datasheet HTML 38Page - Renesas Technology Corp UPD77533 Datasheet HTML 39Page - Renesas Technology Corp UPD77533 Datasheet HTML 40Page - Renesas Technology Corp UPD77533 Datasheet HTML 41Page - Renesas Technology Corp UPD77533 Datasheet HTML 42Page - Renesas Technology Corp UPD77533 Datasheet HTML 43Page - Renesas Technology Corp UPD77533 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 104 page
background image
Data Sheet S15671EJ4V0DS
38
µµµµPD77533
12.1 Packet Format
The packet format is shown below. The maximum packet length is 258 bytes.
Figure 12-1. Packet Format
12.1.1 CMD-ID field
The CMD-ID field indicates the type of command: local, extension, or server.
In the case of local commands, the CMD-ID value indicates the actual command identifier.
Table 12-1. Types of CMD-ID
CMD-ID
Type
0x00 to 0x7E
Local command (CMD-ID value indicates command identifier)
0x7F
Extension command
0x80
Server command
12.1.2 LENGTH field
The LENGTH field indicates the number of bytes in the DATA field. A value in the range of 0 to 255 is specified.
The length does not include CMD-ID, LENGTH, and FLAG.
12.1.3 DATA field
The DATA field stores the data and status of the command specified by CMD-ID.
The length of the DATA field is indicated by the value in the LENGTH field. Some commands do not include a
DATA field.
When the host CPU packets the server command, if the total length of the server command in an unpacketed
state exceeds 255 bytes, the data is divided into multiple packets.
If the size of one data item is 2 or more bytes, the data is stored in the order of lower byte(s) then higher byte(s)
(little endian).
12.1.4 FLAG field
The FLAG field contains a flag indicating the end of a packet. There are two types of flags.
Table 12-2. Flag Types
Flag
Meaning
0x03
Single packet or the last of a number of divided packets.
0x02
First packet of a number of divided packets or one of the middle packets.
1 byte
CMD-ID
FLAG
LENGTH
DATA
1 byte
1 byte
Variable length (0 to 255 bytes)
Number of bytes indicated by LENGTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com