Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 31Page - Renesas Technology Corp UPD77533 Datasheet HTML 32Page - Renesas Technology Corp UPD77533 Datasheet HTML 33Page - Renesas Technology Corp UPD77533 Datasheet HTML 34Page - Renesas Technology Corp UPD77533 Datasheet HTML 35Page - Renesas Technology Corp UPD77533 Datasheet HTML 36Page - Renesas Technology Corp UPD77533 Datasheet HTML 37Page - Renesas Technology Corp UPD77533 Datasheet HTML 38Page - Renesas Technology Corp UPD77533 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
Data Sheet S15671EJ4V0DS
33
µµµµPD77533
7.1
Shifting to Power Save Mode via Power Control Command
The Power Control command (CMD-ID: 0x03) (with STOP or HALT set in the data field) is used to shift the
µPD77533 to a power save mode (STOP or HALT). The flow of this transition is shown in Figure 7-2.
When the
µPD77533 receives the Power Control command (CMD-ID: 0x03), it shifts to the specified power save
mode after completing the following processing.
• Turning off the power of the RF block (RFON output signal = 0)
• Indicating externally that the status has been shifted to standby mode (STNDBYB output signal = 0: standby
mode)
Figure 7-2. Flow of Shifting to Standby Mode
7.2
Shifting to Power Save Mode via Sleep Timer Command
If the idle state (state in which signal processing
is
stopped
and
there
is
no
serial
command
transmission/reception) continues for the timeout period set by the Sleep Timer command (CMD-ID: 0x12), the
µPD77533 shifts to a power save mode (STOP or HALT). The mode to be shifted to is preset by the Sleep Timer
command (CMD-ID: 0x12).
Sleep timer setting/setting notification and sleep timer operation are described below.
7.2.1 Sleep timer setting
The sleep timer is set by the Sleep Timer command (CMD-ID: 0x12).
The mode to be shifted to (STOP or HALT) and the timer value at which the shift takes place are included in the
data field of the Sleep Timer command.
The Sleep Timer timeout value can be set within a range of 0 to 16777215 (0xFFFFFF) ms. Note, however, that if
0 ms is set, the
µPD77533 will not shift to a power save mode.
PD77533
µ
Host CPU
RFON = 0 (off)
STNDBYB = 0 (standby)
"Power Control"
STOP or HALT
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com