Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 26Page - Renesas Technology Corp UPD77533 Datasheet HTML 27Page - Renesas Technology Corp UPD77533 Datasheet HTML 28Page - Renesas Technology Corp UPD77533 Datasheet HTML 29Page - Renesas Technology Corp UPD77533 Datasheet HTML 30Page - Renesas Technology Corp UPD77533 Datasheet HTML 31Page - Renesas Technology Corp UPD77533 Datasheet HTML 32Page - Renesas Technology Corp UPD77533 Datasheet HTML 33Page - Renesas Technology Corp UPD77533 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 104 page
background image
Data Sheet S15671EJ4V0DS
28
µµµµPD77533
5.4 RF Block OFF
The
µPD77533 switches off the RF block after receiving the GPS signal. Specifically, the µPD77533 performs the
following.
• ADSCK signal output stopped
• RFON = 0 (down converter power off)
• AGC, DCOFF signal output stopped
5.5 Pseudo Range Calculation
The
µPD77533 calculates the pseudo range using the received GPS signal.
5.6 Positioning Result Notification
The
µPD77533 issues the server command “!hd” after calculating the pseudo range and notifies the LS of the
result via the host CPU.
5.7 Positioning End Notification
The
µPD77533 sends the Processing End command (CMD-ID: 0x7F) after all positioning has finished to inform
the host CPU that all positioning is complete.
Note that it is necessary to set flow point output control to ON using the Flow Point Control command (CMD-ID:
0x7F) before starting positioning.
Be aware that the initial value of the Flow Point Control command (CMD-ID: 0x7F) is “Flow point output not
controlled”.
After receiving this response, the host CPU can perform processing such as switching off the power of the
peripheral modules (such as the Mobile specified RAM).
5.8 Commands That Cannot Be Sent During Positioning
The commands that the host CPU is prohibited from sending while the
µPD77533 is performing positioning are
shown in Table 5-2.
Table 5-2. Commands That Cannot Be Sent During Positioning
Command Type
CMD-ID
Command
Local command
0x01
Baud Rate Change
0x05
RF Power Control
0x06
Frequency Calibration Control
0x07
TXACTV Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com