Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 16Page - Renesas Technology Corp UPD77533 Datasheet HTML 17Page - Renesas Technology Corp UPD77533 Datasheet HTML 18Page - Renesas Technology Corp UPD77533 Datasheet HTML 19Page - Renesas Technology Corp UPD77533 Datasheet HTML 20Page - Renesas Technology Corp UPD77533 Datasheet HTML 21Page - Renesas Technology Corp UPD77533 Datasheet HTML 22Page - Renesas Technology Corp UPD77533 Datasheet HTML 23Page - Renesas Technology Corp UPD77533 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
Data Sheet S15671EJ4V0DS
18
µµµµPD77533
4. COMMUNICATION ERROR CONTROL
The following three types of communication errors (command errors hereafter) may occur in communication
between the
µPD77533 and the host CPU.
One of the following three error types is included in the data field of the Error Status command (CMD-ID: 0x3F).
Table 4-1. Types of Command Errors
Error Type
Error Definition
Format error
The format of the command is incorrect.
Timeout error
The specified time has elapsed while command packet reception is not complete, or the
µPD77533 does not respond to a command from the host CPU.
Undefined CMD-ID error
An undefined numeric value has been used as the CMD-ID.
4.1
Format Error, Undefined CMD-ID Error
The control flow used when a format or undefined CMD-ID error occurs is described below.
For timeout error details, see 4.2 Timeout Error (Command Packet Interruption) and 4.3 Timeout Error (No
Response from
µµµµPD77533).
Caution The control flow used when a format or undefined CMD-ID error occurs during an uplink
(
µµµµPD77533
Host CPU) differs depending on whether the command from the host CPU is a
server command or a local command.
4.1.1 When command from host CPU is server command
When the command is a server command, packet transmission/reception is confirmed on a packet by packet
basis using ACK and NACK. For details of the ACK and NACK formats, see 13 ACK, NACK ERROR STATUS.
If an error occurs during an uplink (see Figure 4-1), the host CPU sends NACK to the
µPD77533, which then re-
sends the same packet. The
µPD77533 can send the next packet after receiving ACK from the host CPU.
If an error occurs during a downlink (host CPU
µPD77533) (see Figure 4-2), the µPD77533 sends NACK to the
host CPU, which must then re-send the same packet. The host CPU can send the next packet after receiving ACK
from the
µPD77533.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com