Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 28Page - Renesas Technology Corp UPD77533 Datasheet HTML 29Page - Renesas Technology Corp UPD77533 Datasheet HTML 30Page - Renesas Technology Corp UPD77533 Datasheet HTML 31Page - Renesas Technology Corp UPD77533 Datasheet HTML 32Page - Renesas Technology Corp UPD77533 Datasheet HTML 33Page - Renesas Technology Corp UPD77533 Datasheet HTML 34Page - Renesas Technology Corp UPD77533 Datasheet HTML 35Page - Renesas Technology Corp UPD77533 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
Data Sheet S15671EJ4V0DS
30
µµµµPD77533
When:
DIFr =
×
−
G
57542
.
1
024
.
1
2
024
.
1
2
1
024
.
1
384
.
16
2
×
×
×
×
−


+
×
×
×
REFCLKi
REFCLKi
GPSCLKr
M
REFCLKr
DIFi =
×
−
G
57542
.
1
024
.
1
2
024
.
1
2
024
.
1
384
.
16
2
×
×
×
×
−


×
×
×
REFCLKi
REFCLKi
GPSCLKr
M
REFCLKi
REFCLKi:
Logical value of REFCLK
REFCLKr:
Actual value of REFCLK (including error)
GPSCLKr:
Actual value of GPSCLK (including error)
<Example>
REFCLKi:
14.4 MHz
REFCLKr:
14.400002 MHz
GPSCLKr:
16.383900 MHz
DIFr =
×
−
G
57542
.
1
024
.
1
2
4
.
14
024
.
1
2
4
.
14
1
383900
.
16
024
.
1
384
.
16
2
400002
.
14
×
×
×
×
−


+
×
×
×
M
M
M
M
M
=
−9882.7
DIFi =
×
−
G
57542
.
1
024
.
1
2
4
.
14
024
.
1
2
4
.
14
383900
.
16
024
.
1
384
.
16
2
4
.
14
×
×
×
×
−


×
×
×
M
M
M
M
M
=
−9615.6
Therefore:
Doppler Search Range = 2×
  −9882.7 − −9615.6  = 534.2 (Hz)
For details, see 16.20 Doppler Search Range.
6.2
Baud Rate Setting
The Baud Rate Change command (CMD-ID: 0x01) is used to set the baud rate between the
µPD77533 and the
host CPU. There are seven settable baud rates: 2400 bps, 4800 bps, 9600 bps (initial value), 19200 bps, 38400 bps,
57600 bps, and 115200 bps.
If the
µPD77533 receives the Baud Rate Change command (CMD-ID: 0x01) while another command is being
received, the baud rate will be set after reception of that command is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com