Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 29Page - Renesas Technology Corp UPD77533 Datasheet HTML 30Page - Renesas Technology Corp UPD77533 Datasheet HTML 31Page - Renesas Technology Corp UPD77533 Datasheet HTML 32Page - Renesas Technology Corp UPD77533 Datasheet HTML 33Page - Renesas Technology Corp UPD77533 Datasheet HTML 34Page - Renesas Technology Corp UPD77533 Datasheet HTML 35Page - Renesas Technology Corp UPD77533 Datasheet HTML 36Page - Renesas Technology Corp UPD77533 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
Data Sheet S15671EJ4V0DS
31
µµµµPD77533
6.3
RF Power Supply Control
The RF Power Control command (CMD-ID: 0x05) is used to control the power supply of the RF block.
During positioning (while the GPS signal is being received), control from the host CPU via this command is not
required because the
µPD77533 autonomously controls the RF block at this time.
6.4
TXACTV Control
The TXACTV Control command (CMD-ID: 0x07) is used to set mask control of the A/D conversion value via
TXACTV pin input.
Figure 6-1. TXACTV Control
The
µPD77533 has a function to mask the A/D converter output value by 0H in cases such as when the GPS
receive signal is degraded due to noise at the PDC/PHS RF output, or other such noise. The initial setting is “A/D
conversion value unmasked”.
When a signal indicating that PDC/PHS signal transmission is in progress is input to the TXACTV pin and
TXACTV control is set to “A/D conversion value masked” (TXACTV input signal = 1; PDC/PHS transmitting), the
signal received in the
µPD77533 is handled as 0b0000 regardless of the contents of the A/D converter output value
(value input to the ADDI3 to ADDI0 pins) (in other words, the A/D conversion value is masked). At the same time, the
output of the AGC and DCOFF pins becomes high-impedance.
See 5.2.1 AGC and DCOFF output signals for the relationship between the TXACTV signal input and
AGC/DCOFF pin output.
PD77533
µ
Host CPU
Input to TXACTV
pin enabled
TXACTV Control (control used)
TXACTV Control (control used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com