Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 56Page - Renesas Technology Corp UPD77533 Datasheet HTML 57Page - Renesas Technology Corp UPD77533 Datasheet HTML 58Page - Renesas Technology Corp UPD77533 Datasheet HTML 59Page - Renesas Technology Corp UPD77533 Datasheet HTML 60Page - Renesas Technology Corp UPD77533 Datasheet HTML 61Page - Renesas Technology Corp UPD77533 Datasheet HTML 62Page - Renesas Technology Corp UPD77533 Datasheet HTML 63Page - Renesas Technology Corp UPD77533 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 104 page
background image
Data Sheet S15671EJ4V0DS
58
µµµµPD77533
[Remark]
The
µPD77533 is shifted to sleep mode after the specified time has elapsed, without performing positioning,
command transmission reception, or other such processing.
Triggers such as command reception, the WKUPB signal, a reset, and a timer interrupt are used to restore the
µPD77533 from the HALT mode.
The
µPD77533 is restored from STOP mode to RUN mode by the WKUPB signal, and is totally initialized and
restarted by a reset.
16.9 Character Timeout
[Function]
Sets and references the character timeout time.
Figure 16-9. Character Timeout Flow
[Command]
Table 16-10. Format of Character Timeout
Field
Number of Bytes
Form
Description
CMD-ID
1
−
0x13
LENGTH
1
−
3 = Sets timeout time
0 = References current timeout time
DATA
Time until timeout
(when LENGTH = 3)
3
unsigned
Time until timeout occurs. Unit = ms.
0 = Timeout not detected (default)
FLAG
1
−
0x03
[Response]
The value set or current value is returned in the format shown in Table 16-10.
[Remark]
If the specified timeout time elapses after the last data of a packet has been received by the
µPD77533 before
packet reception is complete, a timeout occurs.
When a timeout occurs, the
µPD77533 returns the timeout error status and discards the packet data received until
that point.
PD77533
µ
Host CPU
CMD-ID = 0x13
CMD-ID = 0x13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com