Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 40Page - Renesas Technology Corp UPD77533 Datasheet HTML 41Page - Renesas Technology Corp UPD77533 Datasheet HTML 42Page - Renesas Technology Corp UPD77533 Datasheet HTML 43Page - Renesas Technology Corp UPD77533 Datasheet HTML 44Page - Renesas Technology Corp UPD77533 Datasheet HTML 45Page - Renesas Technology Corp UPD77533 Datasheet HTML 46Page - Renesas Technology Corp UPD77533 Datasheet HTML 47Page - Renesas Technology Corp UPD77533 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 104 page
background image
Data Sheet S15671EJ4V0DS
42
µµµµPD77533
13.1 Format of ACK, NACK, Error Status
13.1.1 ACK
There are two types of ACK formats: ACK format 1 for server commands and ACK format 2 for extension
commands.
The
µPD77533 handles both these ACK types as “ACK”, regardless of which type is received. The host CPU can
use either of these ACK types, irrespective of the circumstances.
The
µPD77533 returns ACK to the host CPU in ACK format 1 in response to server commands and ACK format 2
in response to extension commands.
Table 13-2. ACK Format 1 (ACK Returned for Server Commands)
Field
Value
Number of Bytes
Description
CMD-ID
0x80
1
LENGTH
0x00
1
FLAG
0x03
1
Table 13-3. ACK Format 2 (ACK Returned for Extension Commands)
Field
Value
Number of Bytes
Description
CMD-ID
0x3F
1
LENGTH
0x01
1
DATA
0x00
1
ACK indicated by 0x00
FLAG
0x03
1
13.1.2 NACK, error status
Table 13-4. NACK, Error Status Format
Field
Value
Number of Bytes
Description
CMD-ID
0x3F
1
LENGTH
0x01
1
DATA
ErrStat
1
0x00: ACK (OK)
0x01: Format error
0x02: Timeout error
Undefined CMD-ID error
Else: Undefined
FLAG
0x03
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com