Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 14Page - Renesas Technology Corp UPD77533 Datasheet HTML 15Page - Renesas Technology Corp UPD77533 Datasheet HTML 16Page - Renesas Technology Corp UPD77533 Datasheet HTML 17Page - Renesas Technology Corp UPD77533 Datasheet HTML 18Page - Renesas Technology Corp UPD77533 Datasheet HTML 19Page - Renesas Technology Corp UPD77533 Datasheet HTML 20Page - Renesas Technology Corp UPD77533 Datasheet HTML 21Page - Renesas Technology Corp UPD77533 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
Data Sheet S15671EJ4V0DS
16
µµµµPD77533
3.1.2 Internal parameter initialization
The internal parameters of the
µPD77533 and their initial values are shown in Table 3-2 below.
Table 3-2. Initial Values of Internal Parameters
Parameter Name
Related Command
CMD-ID
(EXT-ID)
Initial Value
Meaning of Initial Value
Baud rate
Baud Rate Change
0x01
2
9600 bps
Reference frequency
FCC Reference
Frequency
0x02
0xE10000
14.4 MHz. The parameter value is set to the
reference frequency multiplied by 1.024
(initial value: 14.4 MHz x 1.024 =
0xE10000).
Power save mode
Power Control
0x03
0
No shift to power save mode; RUN mode is
entered.
Power supply
RF Power Control
0x05
0
Power off
FCC control
Frequency Calibration
Control
0x06
0
No FCC control
TXACTV control
TXACTV Control
0x07
0
No TXACTV control
Sleep mode
Sleep Timer
0x12
0
HALT mode is entered after Sleep Timer
timeout
Sleep Timer timer
value (time until
sleep)
0
Sleep state is not entered
Timer value of
character timeout
(time until timeout)
Command Timeout
0x13
0
Timeout not detected.
Software version
D77533 Software
Version
0x31
1
Ver.1.0
Status (status of
µPD77533 signal
processing)
Processing Status
Request
0x33
−
Idle
Number of
processed satellites
Rest Processing
0x34
0
0
Total number of
satellites that should
be processed
00
Current number of
times positioning
performed
00
Total number of
times positioning
performed
00
Error contents
Error Status
0x3F
−
No initial value
Doppler search
range
Doppler Search Range
0x57
0x0168
Search range = 360 Hz
Flow points
Flow Point Control
0x7F (0x00)
All 0
Flow point output not controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com