Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 49Page - Renesas Technology Corp UPD77533 Datasheet HTML 50Page - Renesas Technology Corp UPD77533 Datasheet HTML 51Page - Renesas Technology Corp UPD77533 Datasheet HTML 52Page - Renesas Technology Corp UPD77533 Datasheet HTML 53Page - Renesas Technology Corp UPD77533 Datasheet HTML 54Page - Renesas Technology Corp UPD77533 Datasheet HTML 55Page - Renesas Technology Corp UPD77533 Datasheet HTML 56Page - Renesas Technology Corp UPD77533 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
Data Sheet S15671EJ4V0DS
51
µµµµPD77533
15.2.3 List of baud rates
Table 15-5. List of Baud Rates
No.
Baud Rate
0
2400 bps
1
4800 bps
2
9600 bps
3
19200 bps
4
38400 bps
5
57600 bps
Else
115200 bps
Remark
The baud rate between the
µPD77533 and the host CPU is changed according to 16.1 Baud Rate
Change in 16 LOCAL COMMANDS.
16. LOCAL COMMANDS
The
µPD77533 program supports the following local commands.
Table 16-1. List of Local Commands
Command
CMD-ID
Function
Baud Rate Change
0x01
Sets the baud rate between the
µPD77533 and the host CPU
FCC Reference Frequency
0x02
Sets, references the FCC reference frequency
Power Control
0x03
Sets a power save mode
Reset
0x04
Resets the
µPD77533
RF Power Control
0x05
Sets the RF power supply
Frequency Calibration Control
0x06
Sets, references FCC control
TXACTV Control
0x07
Sets, references TXACVT control
Sleep Timer
0x12
Sets, references the sleep timer
Character Timeout
0x13
Sets, references the character timeout
!cb Request
0x20
Requests issuance of the !cb response
!ia Request
0x21
Requests issuance of the !ia response
SnapShot Memory Check
0x2D
Checks the SnapShot memory
Status Request
0x30
Checks the serial communication operation
D77533 Software Version
0x31
References the version of the
µPD77533
Processing Status Request
0x33
References the status of signal processing
Rest Processing
0x34
References the progress of positioning
Error Status
0x3F
Sending an error notification
CA Parameter Set
0x40
Sets the !ca response parameter
CB Parameter Set
0x41
Sets the !cb response parameter
Doppler Search Range
0x57
Expands the Doppler search range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com