Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 13Page - Renesas Technology Corp UPD77533 Datasheet HTML 14Page - Renesas Technology Corp UPD77533 Datasheet HTML 15Page - Renesas Technology Corp UPD77533 Datasheet HTML 16Page - Renesas Technology Corp UPD77533 Datasheet HTML 17Page - Renesas Technology Corp UPD77533 Datasheet HTML 18Page - Renesas Technology Corp UPD77533 Datasheet HTML 19Page - Renesas Technology Corp UPD77533 Datasheet HTML 20Page - Renesas Technology Corp UPD77533 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
Data Sheet S15671EJ4V0DS
15
µµµµPD77533
3.1.1 Status of pins at hardware reset
The status of the pins when a hardware reset is applied (during RESETB pin input) is shown in Table 3-1 below.
Table 3-1. Status of Pins at Hardware Reset
Pin Name
Pin No.
I/O
Status
STNDBYB
C8
Output
Low-level output
RTS
M9
Output
High-level output
TXD
M10
Output
High-level output
AGC
H11
Output
Low-level output
DCOFF
H12
Output
Low-level output
RFON
H10
Output
Low-level output
ADSCK
K10
Output
Low-level output
MCSB
B7
Output
High-level output
MRDB
C7
Output
High-level output
MWRB
C5
Output
High-level output
MA19 to MA0
A4, B4, A3, B3, B2, C3, C1, D2,
D1, D3, E2, E1, E3, F1, F3, G1,
G2, H1, H3, H2
Output
Low-level output (all)
MD15 to MD0
J1, K2, L2, J3, L3, M3, L4, M4,
K4, L5, M5, K7, L6, K6, M7, L7
I/O
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com