Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 18Page - Renesas Technology Corp UPD77533 Datasheet HTML 19Page - Renesas Technology Corp UPD77533 Datasheet HTML 20Page - Renesas Technology Corp UPD77533 Datasheet HTML 21Page - Renesas Technology Corp UPD77533 Datasheet HTML 22Page - Renesas Technology Corp UPD77533 Datasheet HTML 23Page - Renesas Technology Corp UPD77533 Datasheet HTML 24Page - Renesas Technology Corp UPD77533 Datasheet HTML 25Page - Renesas Technology Corp UPD77533 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
Data Sheet S15671EJ4V0DS
20
µµµµPD77533
4.1.2 When command from host CPU is local command
When the command is a local command, packet transmission/reception is not confirmed using ACK and NACK. A
response to the command (command execution result) is used as the “ACK” from the
µPD77533 to the host CPU.
There is no equivalent to ACK for commands that receive no response (baud rate change command).
If an error occurs during an uplink (see Figure 4-3), even if the host CPU sends NACK to the
µPD77533, the
µPD77533 will perform no processing. The host CPU must therefore re-send the same packet without returning
NACK.
If an error occurs during a downlink (see Figure 4-4), the
µPD77533 sends the host CPU the Error Status
command (CMD-ID: 0x3F). Once the host CPU receives the Error Status command (CMD-ID: 0x3F), the host CPU
must re-send the same packet to the
µPD77533.
Figure 4-3. Command Error Control Flow for Local Commands (Uplink Error)
Figure 4-4. Command Error Control Flow for Local Commands (Downlink Error)
4.2
Timeout Error (Command Packet Interruption)
A timeout occurs in the
µPD77533 if the specified time elapses after the last data of a packet is received while
packet reception is not complete.
When a timeout occurs, the
µPD77533 returns a timeout “Error Status” (CMD-ID: 0x3F), and all packet data
received up to that point is discarded.
PD77533
µ
Host CPU
Command error detected
(Local command)
Response sent
Previous response
re-sent
(Local command)
(Local command)
Previous local
command re-sent
PD77533
µ
Host CPU
(Local command)
Previous command
re-sent
NACK ("Error Status" (0x3F))
(Local command)
(Local command)
Command error detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com