Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 38Page - Renesas Technology Corp UPD77533 Datasheet HTML 39Page - Renesas Technology Corp UPD77533 Datasheet HTML 40Page - Renesas Technology Corp UPD77533 Datasheet HTML 41Page - Renesas Technology Corp UPD77533 Datasheet HTML 42Page - Renesas Technology Corp UPD77533 Datasheet HTML 43Page - Renesas Technology Corp UPD77533 Datasheet HTML 44Page - Renesas Technology Corp UPD77533 Datasheet HTML 45Page - Renesas Technology Corp UPD77533 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 104 page
background image
Data Sheet S15671EJ4V0DS
40
µµµµPD77533
12.4 Server Command Format
Server commands are stored in the DATA field of a packet in the format shown below.
Server commands are not in packet form when they are sent and received by the LS, so they must be “packeted”
by the host CPU.
Figure 12-5. Server Command Format
12.4.1 Header
Commands from and responses to the server have an ASCII character as the header (indicating the start of the
command or response).
Table 12-3. Header
Type
ASCII Character
Command
$ (0x24)
Response
! (0x21)
12.4.2 Command ID
The ID that identifies the type of command or response has a 2-byte ASCII character configuration (2 characters).
Table 12-4. Command ID
Type
ASCII Character
Command
Combination of 2 uppercase characters, A to Z
Response
Combination of 2 lowercase characters, a to z
12.4.3 Data field
The data field stores the data and status of the command or response.
1 byte
CMD-ID
FLAG
LENGTH
DATA
1 byte
1 byte
Variable length
Number of bytes indicated by LENGTH
0x80
2 bytes
Header
End of
packet
Command ID
Data field
1 byte
2 bytes
Variable length
2 bytes
Checksum
$, !
0x0D, 0x0A
Unpacketed server command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com