Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 47Page - Renesas Technology Corp UPD77533 Datasheet HTML 48Page - Renesas Technology Corp UPD77533 Datasheet HTML 49Page - Renesas Technology Corp UPD77533 Datasheet HTML 50Page - Renesas Technology Corp UPD77533 Datasheet HTML 51Page - Renesas Technology Corp UPD77533 Datasheet HTML 52Page - Renesas Technology Corp UPD77533 Datasheet HTML 53Page - Renesas Technology Corp UPD77533 Datasheet HTML 54Page - Renesas Technology Corp UPD77533 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 104 page
background image
Data Sheet S15671EJ4V0DS
49
µµµµPD77533
15.1.1 Server command analysis
The host CPU analyzes server commands sent by the LS as follows.
(1) Checks whether the command header is the “$” character.
(2) Checks whether the command ID is valid. Starts the checksum calculation.
(3) Calculates the number of bytes in the data field according to “Determination of Number of Bytes in Data Field”
in Table 15-2.
(4) Reads data of the number of bytes calculated in (3) and calculates the checksum.
(5) Checks whether the checksum matches the calculated value.
(6) Checks whether the end-of-packet is <CR><LF>.
If all of (1) to (6) are OK, the command is recognized as one command.
If the command is other than the baud rate change command, the command is packeted and transferred to the
µPD77533. If an error occurs at any stage, 1 byte is discarded and the operation starts again from (1).
Table 15-2. Determination of Number of Bytes in Data Field
Command ID
Determination of Number of Bytes in Data Field
CA
Fixed to 0 bytes
BB
Fixed to 1 byte
IA
Fixed to 1 byte
JM
Value stored in first 2 bytes of data field minus 7 bytes
PJ
Fixed to 1 byte
AC
Value stored in first 2 bytes of data field minus 7 bytes
DA
Fixed to 5 bytes
EA
Fixed to 0 bytes
FA
Fixed to 4 bytes
FC
Fixed to 0 bytes
BD
Fixed to 1 byte
CB
Fixed to 1 byte
ca
Fixed to 9 bytes
bb
Fixed to 1 byte
ia
Fixed to 1 byte
hd
Value stored in first 2 bytes of data field minus 7 bytes
jm
Fixed to 1 byte
pj
Fixed to 4 bytes
ac
Value stored in first 2 bytes of data field minus 7 bytes
da
Fixed to 1 byte
ea
Fixed to 1 byte
fa
Fixed to 3 bytes
fb
If previous !fa result code is 0: Fixed to 2050 bytes
If previous !fa result code is 1: Fixed to 1026 bytes
fc
Fixed to 1 byte
bd
Fixed to 2 bytes
cb
Fixed to 10 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com