Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 76Page - Renesas Technology Corp UPD77533 Datasheet HTML 77Page - Renesas Technology Corp UPD77533 Datasheet HTML 78Page - Renesas Technology Corp UPD77533 Datasheet HTML 79Page - Renesas Technology Corp UPD77533 Datasheet HTML 80Page - Renesas Technology Corp UPD77533 Datasheet HTML 81Page - Renesas Technology Corp UPD77533 Datasheet HTML 82Page - Renesas Technology Corp UPD77533 Datasheet HTML 83Page - Renesas Technology Corp UPD77533 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
Data Sheet S15671EJ4V0DS
78
µµµµPD77533
Memory Interface
• Mobile specified RAM
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Access cycle time (MA to MA)
tMRDAA
122
−
1000
ns
Access cycle time
(MA to MCSB
↑)
tMRDAC
122
−
1000
ns
Access cycle time
(MCSB
↓ to MA)
tMRDCA
122
−
1000
ns
Access cycle time
(MCSB
↓ to MCSB↑)
tMRDCC
122
−
1000
ns
Address (MA) delay time
tMAD
−−
10
ns
Address (MA) hold time
tMAS
0
−−
ns
Address (MA) skew time
tMASW
−−
10
ns
Chip select delay time
tMCD
−−
10
ns
Chip select hold time
tMCH
0
−−
ns
Chip select recovery time
tMCRC
10
−−
ns
Read strobe (MRDB) delay time
tMRD
−−
10
ns
Read strobe (MRDB) hold time
tMRH
0
−−
ns
Write strobe (MWRB) delay time
tMWD
tAWS is satisfied
−−
10
ns
Write strobe (MWRB) hold time
tMWH
10
−−
ns
Write strobe (MWRB) width
tMWW
30
−−
ns
Address setup time
(to MWRB
↓)
tAWS
0
−−
ns
Read data (MD) setup time
tRDS
20
−−
ns
Read data (MD) hold time
tRDH
0
−−
ns
Write data (MD) delay time
tWDD
−−
20
ns
Write data (MD) hold time
tWDH
0
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com