Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 32Page - Renesas Technology Corp UPD77533 Datasheet HTML 33Page - Renesas Technology Corp UPD77533 Datasheet HTML 34Page - Renesas Technology Corp UPD77533 Datasheet HTML 35Page - Renesas Technology Corp UPD77533 Datasheet HTML 36Page - Renesas Technology Corp UPD77533 Datasheet HTML 37Page - Renesas Technology Corp UPD77533 Datasheet HTML 38Page - Renesas Technology Corp UPD77533 Datasheet HTML 39Page - Renesas Technology Corp UPD77533 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
Data Sheet S15671EJ4V0DS
34
µµµµPD77533
7.2.2 Sleep Timer operation
The operation that is performed when a timeout occurs in the Sleep Timer set in 7.2.1 is shown in Figure 7-3.
Figure 7-3. Sleep Timer Timeout
Remark Idle state: State in which signal processing is stopped and there is no serial command
transmission/reception.
7.3
Restoring from Power Save Mode
The
µPD77533 returns from a power save mode (STOP or HALT) to normal mode (RUN) when the WKUPB pin
input is 0 or (HALT mode only) when any command is received. The WKUPB pin is active low.
7.3.1 Restoring via WKUPB pin input
The procedure for returning to normal mode from a power save mode via WKUPB pin input is shown in Figure 7-4.
Figure 7-4. Restoring from Power Save Mode (via WKUPB Pin Input)
PD77533
µ
Host CPU
RFON = 0 (off)
STNDBYB = 0 (standby)
STOP or HALT
RUN
Idle state
Timeout
Sleep timer operating
PD77533
µ
Host CPU
STNDBYB pin output
= 1 (standby released)
WKUPB pin input = 0
STOP or HALT
RUN
"Power Control"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com