Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD77533 Datasheet HTML 1Page - Renesas Technology Corp UPD77533 Datasheet HTML 2Page - Renesas Technology Corp UPD77533 Datasheet HTML 3Page - Renesas Technology Corp UPD77533 Datasheet HTML 4Page - Renesas Technology Corp UPD77533 Datasheet HTML 5Page - Renesas Technology Corp UPD77533 Datasheet HTML 6Page - Renesas Technology Corp UPD77533 Datasheet HTML 7Page - Renesas Technology Corp UPD77533 Datasheet HTML 8Page - Renesas Technology Corp UPD77533 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
Data Sheet S15671EJ4V0DS
2
µµµµPD77533
PIN CONFIGURATION
IVDD
AVDD
EVDD
ADSCK
ADDI3 to ADDI0
AGC
DCOFF
RFON
MCSB
MA19 to MA0
MD15 to MD0
MRDB
MWRB
RXD
RTS
CTS
TXD
RESETB
WKUPB
STNDBYB
TXACTV
INVRX
GPSCLK
REFCLK
GND
AGND
4
20
16
A/D I/F
RF I/F
Memory I/F
Host serial I/F
System I/F
Clock I/F
+1.5 V
+3.0 V
+1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com