Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77533 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 12Page - Renesas Technology Corp UPD77533 Datasheet HTML 13Page - Renesas Technology Corp UPD77533 Datasheet HTML 14Page - Renesas Technology Corp UPD77533 Datasheet HTML 15Page - Renesas Technology Corp UPD77533 Datasheet HTML 16Page - Renesas Technology Corp UPD77533 Datasheet HTML 17Page - Renesas Technology Corp UPD77533 Datasheet HTML 18Page - Renesas Technology Corp UPD77533 Datasheet HTML 19Page - Renesas Technology Corp UPD77533 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
Data Sheet S15671EJ4V0DS
14
µµµµPD77533
2.2
Host Serial Commands
2.2.1 Command format
The format of the serial commands used for communication between the
µPD77533 and the host CPU is shown
below. For details of the command ID (CMD-ID), data structure, etc., see 12 PACKET AND COMMAND FORMAT.
Figure 2-1. Command Format
2.2.2
Asynchronous serial
The asynchronous serial specifications are shown below.
Table 2-2. Asynchronous Serial Specifications
Baud rate
2400, 4800, 9600 (initial value), 19200, 38400, 57600, 115200 bps supported
Start bit
1 bit
Stop bit
1 bit
Data length
8 bits
Parity
None
Flow control
RTS (1: Stop transmission, 0: Request transmission)
CTS (1: Stop transmission, 0: Request transmission)
3.
RESET
3.1
Reset (Hardware Reset via RESETB Pin)
The hardware of the
µPD77533 is initialized by a reset via the RESETB pin.
Caution A hardware reset must be applied at the RESETB pin and a clock input to the GPSCLK pin when
the power is turned on.
Figure 3-1. Hardware Reset
8 bits
CMD-ID
FLAG
LENGTH
DATA
8 bits
03H
0 to 255 bytes
PD77533
µ
Host CPU
Internal parameter
setting values initialized,
external pins initialized
Reset (0x04)
Power applied,
hardware reset released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com