Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 164 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 164 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 160Page - ams-OSRAM AG AS7058 Datasheet HTML 161Page - ams-OSRAM AG AS7058 Datasheet HTML 162Page - ams-OSRAM AG AS7058 Datasheet HTML 163Page - ams-OSRAM AG AS7058 Datasheet HTML 164Page - ams-OSRAM AG AS7058 Datasheet HTML 165Page - ams-OSRAM AG AS7058 Datasheet HTML 166Page - ams-OSRAM AG AS7058 Datasheet HTML 167Page - ams-OSRAM AG AS7058 Datasheet HTML 168Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
164 / 199
/
8.13.2
BIOZ_EXCIT (Address 0xb3)
Table 175: BIOZ_EXCIT register
Addr: 0xb3
BIOZ_EXCIT
Bit
Bit name
Default
Access
Bit description
6:4
bioz_excit_curr
0
RW
Control BioZ excitation current amplitude from 10 µA to
100 µA,
if bioz_en = 1.
0: 10 µA
1: 25 µA
2: 40 µA
3: 55 µA
4: 70 µA
5: 85 µA
6: 100 µA
7: do not use
3:0
bioz_excit_freq_sel
0
RW
Control BioZ excitation signal frequency from 1 kHz to
1 MHz.
0: 1 MHz
1: 500 kHz
2: 250 kHz
3: 125 kHz
4: 100 kHz
5: 50 kHz
6: 45.45 kHz
7: 35.71 kHz
8: 25 kHz
9: 20 kHz
10: 15.15 kHz
11: 10 kHz
12: 8.06 kHz
13: 5 kHz
14: 2.5 kHz
15: 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com