Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 168 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 168 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 164Page - ams-OSRAM AG AS7058 Datasheet HTML 165Page - ams-OSRAM AG AS7058 Datasheet HTML 166Page - ams-OSRAM AG AS7058 Datasheet HTML 167Page - ams-OSRAM AG AS7058 Datasheet HTML 168Page - ams-OSRAM AG AS7058 Datasheet HTML 169Page - ams-OSRAM AG AS7058 Datasheet HTML 170Page - ams-OSRAM AG AS7058 Datasheet HTML 171Page - ams-OSRAM AG AS7058 Datasheet HTML 172Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
168 / 199
/
8.13.7
ECGMOD_CFG2 (Address 0xb8)
Table 180: ECGMOD_CFG2 register
Addr: 0xb8
ECGMOD_CFG2
Bit
Bit name
Default
Access
Bit description
4:2
ecgmod_reset_delay
0
RW
Reset Time for ECG Modulator N * MOD_CLK.
0: N = 4
1: N = 8
2: N = 16
3: N = 32
4: N = 64
5: N = 128
>5: N = 256
1:0
ecgmod_clk
0
RW
ECG Modulator clock frequency MOD_CLK.
Sequence1 and Sequence2 use the same Modulator
frequency.
0: 10 MHz
1: 5 MHz
2: 2.5 MHz
3: 1.25 MHz
8.13.8
ECGIMUX_CFG1 (Address 0xb9)
Table 181: ECGIMUX_CFG1 register
Addr: 0xb9
ECGIMUX_CFG1
Bit
Bit name
Default
Access
Bit description
6
ecgmod_imux_en
0
RW
Enables the input multiplexer of the ECG modulator.
0: ECGMOD_IMUX disabled
1: ECGMOD_IMUX enabled
5:4
ecgmod_imux_lpf_fc
0
RW
Selects the nominal cut-off frequency of the antialiasing
low-pass filer.
0: 200 Hz
1: 270 Hz
2: 400 Hz
3: 800 Hz
3:0
reserved
0
RW
Reserved system register. Do not change default
register value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com