Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 166 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 166 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 162Page - ams-OSRAM AG AS7058 Datasheet HTML 163Page - ams-OSRAM AG AS7058 Datasheet HTML 164Page - ams-OSRAM AG AS7058 Datasheet HTML 165Page - ams-OSRAM AG AS7058 Datasheet HTML 166Page - ams-OSRAM AG AS7058 Datasheet HTML 167Page - ams-OSRAM AG AS7058 Datasheet HTML 168Page - ams-OSRAM AG AS7058 Datasheet HTML 169Page - ams-OSRAM AG AS7058 Datasheet HTML 170Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
166 / 199
/
8.13.4
BIOZ_SELECT (Address 0xb5)
Table 177: BIOZ_SELECT register
Addr: 0xb5
BIOZ_SELECT
Bit
Bit name
Default
Access
Bit description
6:4
bioz_meas_sel
0
RW
BIOZ measurement selection:
0: Bioimpedance or gsr measurement
1: Offset (0 Ω) measurement
2: Internal 2 kΩ resistor measurement
3: Internal 1 MΩ resistor measurement
4: Internal 1 kΩ resistor measurement
5: Internal 500 Ω resistor measurement
3:0
bioz_inmux_sel
0
RW
BIOZ input mux selection:
V_INP
V_INN
I_INP
I_INN
0:
BIOZ1
BIOZ2
BIOZ3
BIOZ4
1:
BIOZ1
BIOZ3
BIOZ2
BIOZ4
2:
BIOZ1
BIOZ4
BIOZ2
BIOZ3
3
BIOZ2
BIOZ3
BIOZ1
BIOZ4
4:
BIOZ2
BIOZ4
BIOZ1
BIOZ3
5:
BIOZ3
BIOZ4
BIOZ1
BIOZ2
6:
BIOZ1
BIOZ2
BIOZ1
BIOZ2
7:
BIOZ1
BIOZ3
BIOZ1
BIOZ3
8:
BIOZ1
BIOZ4
BIOZ1
BIOZ4
9:
BIOZ2
BIOZ3
BIOZ2
BIOZ3
10:
BIOZ2
BIOZ4
BIOZ2
BIOZ4
11:
BIOZ3
BIOZ4
BIOZ3
BIOZ4
8.13.5
BIOZ_GAIN (Address 0xb6)
Table 178: BIOZ_GAIN register
Addr: 0xb6
BIOZ_GAIN
Bit
Bit name
Default
Access
Bit description
0
bioz_gain
0
RW
Select AFE gain:
0: x1 gain
1: x2 gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com