Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 394 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 394 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 390Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 391Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 392Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 393Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 394Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 395Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 396Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 397Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 398Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 437 page
background image
Peripherals
6.26.13.17 EVENTS_SOF
Address offset: 0x154
Signals that a SOF (start of frame) condition has been detected on USB lines
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_SOF
Signals that a SOF (start of frame) condition has been
detected on USB lines
NotGenerated
0
Event not generated
Generated
1
Event generated
6.26.13.18 EVENTS_USBEVENT
Address offset: 0x158
An event or an error not covered by specific events has occurred. Check EVENTCAUSE register to find the
cause.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_USBEVENT
An event or an error not covered by specific events has
occurred. Check EVENTCAUSE register to find the cause.
NotGenerated
0
Event not generated
Generated
1
Event generated
6.26.13.19 EVENTS_EP0SETUP
Address offset: 0x15C
A valid SETUP token has been received (and acknowledged) on the control endpoint
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_EP0SETUP
A valid SETUP token has been received (and acknowledged)
on the control endpoint
NotGenerated
0
Event not generated
Generated
1
Event generated
6.26.13.20 EVENTS_EPDATA
Address offset: 0x160
A data transfer has occurred on a data endpoint, indicated by the EPDATASTATUS register
4463_156 v1.0
394



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com