Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 392 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 392 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 388Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 389Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 390Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 391Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 392Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 393Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 394Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 395Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 396Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 437 page
background image
Peripherals
6.26.13.10 EVENTS_USBRESET
Address offset: 0x100
Signals that a USB reset condition has been detected on USB lines
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_USBRESET
Signals that a USB reset condition has been detected on
USB lines
NotGenerated
0
Event not generated
Generated
1
Event generated
6.26.13.11 EVENTS_STARTED
Address offset: 0x104
Confirms that the EPIN[n].PTR and EPIN[n].MAXCNT, or EPOUT[n].PTR and EPOUT[n].MAXCNT registers
have been captured on all endpoints reported in the EPSTATUS register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_STARTED
Confirms that the EPIN[n].PTR and EPIN[n].MAXCNT, or
EPOUT[n].PTR and EPOUT[n].MAXCNT registers have been
captured on all endpoints reported in the EPSTATUS register
NotGenerated
0
Event not generated
Generated
1
Event generated
6.26.13.12 EVENTS_ENDEPIN[n] (n=0..7)
Address offset: 0x108 + (n × 0x4)
The whole EPIN[n] buffer has been consumed. The buffer can be accessed safely by software.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_ENDEPIN
The whole EPIN[n] buffer has been consumed. The buffer
can be accessed safely by software.
NotGenerated
0
Event not generated
Generated
1
Event generated
6.26.13.13 EVENTS_EP0DATADONE
Address offset: 0x128
An acknowledged data transfer has taken place on the control endpoint
4463_156 v1.0
392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com