Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 388 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 388 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 387Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 388Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 389Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 390Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 391Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 392Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 437 page
background image
Peripherals
Register
Offset
Description
SIZE.EPOUT[0]
0x4A0
Number of bytes received last in the data stage of this OUT endpoint
SIZE.EPOUT[1]
0x4A4
Number of bytes received last in the data stage of this OUT endpoint
SIZE.EPOUT[2]
0x4A8
Number of bytes received last in the data stage of this OUT endpoint
SIZE.EPOUT[3]
0x4AC
Number of bytes received last in the data stage of this OUT endpoint
SIZE.EPOUT[4]
0x4B0
Number of bytes received last in the data stage of this OUT endpoint
SIZE.EPOUT[5]
0x4B4
Number of bytes received last in the data stage of this OUT endpoint
SIZE.EPOUT[6]
0x4B8
Number of bytes received last in the data stage of this OUT endpoint
SIZE.EPOUT[7]
0x4BC
Number of bytes received last in the data stage of this OUT endpoint
SIZE.ISOOUT
0x4C0
Number of bytes received last on this ISO OUT data endpoint
ENABLE
0x500
Enable USB
USBPULLUP
0x504
Control of the USB pull-up
DPDMVALUE
0x508
State D+ and D- lines will be forced into by the DPDMDRIVE task. The DPDMNODRIVE task
reverts the control of the lines to MAC IP (no forcing).
DTOGGLE
0x50C
Data toggle control and status
EPINEN
0x510
Endpoint IN enable
EPOUTEN
0x514
Endpoint OUT enable
EPSTALL
0x518
STALL endpoints
ISOSPLIT
0x51C
Controls the split of ISO buffers
FRAMECNTR
0x520
Returns the current value of the start of frame counter
LOWPOWER
0x52C
Controls USBD peripheral low power mode during USB suspend
ISOINCONFIG
0x530
Controls the response of the ISO IN endpoint to an IN token when no data is ready to be sent
EPIN[0].PTR
0x600
Data pointer
EPIN[0].MAXCNT
0x604
Maximum number of bytes to transfer
EPIN[0].AMOUNT
0x608
Number of bytes transferred in the last transaction
EPIN[1].PTR
0x614
Data pointer
EPIN[1].MAXCNT
0x618
Maximum number of bytes to transfer
EPIN[1].AMOUNT
0x61C
Number of bytes transferred in the last transaction
EPIN[2].PTR
0x628
Data pointer
EPIN[2].MAXCNT
0x62C
Maximum number of bytes to transfer
EPIN[2].AMOUNT
0x630
Number of bytes transferred in the last transaction
EPIN[3].PTR
0x63C
Data pointer
EPIN[3].MAXCNT
0x640
Maximum number of bytes to transfer
EPIN[3].AMOUNT
0x644
Number of bytes transferred in the last transaction
EPIN[4].PTR
0x650
Data pointer
EPIN[4].MAXCNT
0x654
Maximum number of bytes to transfer
EPIN[4].AMOUNT
0x658
Number of bytes transferred in the last transaction
EPIN[5].PTR
0x664
Data pointer
EPIN[5].MAXCNT
0x668
Maximum number of bytes to transfer
EPIN[5].AMOUNT
0x66C
Number of bytes transferred in the last transaction
EPIN[6].PTR
0x678
Data pointer
EPIN[6].MAXCNT
0x67C
Maximum number of bytes to transfer
EPIN[6].AMOUNT
0x680
Number of bytes transferred in the last transaction
EPIN[7].PTR
0x68C
Data pointer
EPIN[7].MAXCNT
0x690
Maximum number of bytes to transfer
EPIN[7].AMOUNT
0x694
Number of bytes transferred in the last transaction
ISOIN.PTR
0x6A0
Data pointer
ISOIN.MAXCNT
0x6A4
Maximum number of bytes to transfer
ISOIN.AMOUNT
0x6A8
Number of bytes transferred in the last transaction
EPOUT[0].PTR
0x700
Data pointer
EPOUT[0].MAXCNT
0x704
Maximum number of bytes to transfer
EPOUT[0].AMOUNT
0x708
Number of bytes transferred in the last transaction
EPOUT[1].PTR
0x714
Data pointer
EPOUT[1].MAXCNT
0x718
Maximum number of bytes to transfer
4463_156 v1.0
388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com