Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 384 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 384 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 380Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 381Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 382Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 387Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 388Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 437 page
background image
Peripherals
6.26.11.2 Isochronous OUT transaction
When the host wants to send isochronous (ISO) data, it issues an OUT token on the isochronous endpoint,
followed by data.
The ISO OUT data endpoint has to be explicitly enabled by software through the ISOOUT0 bit in register
EPOUTEN.
The amount of last received ISO OUT data is provided in the SIZE.ISOOUT register. Software shall interpret
the ZERO and SIZE fields as presented in the following table.
ZERO
SIZE
Last received data size
Normal
0
No data received at all
Normal
1..1023
1..1023 bytes of data received
ZeroData
(not of interest)
Zero-length data packet received
Table 110: ISO OUT incoming data size
When EasyDMA is prepared and started, triggering a STARTISOOUT task initiates an EasyDMA transfer to
memory. Software shall synchronize ISO OUT transfers with the SOF events. EasyDMA uses the address in
ISOOUT.PTR and size in ISOOUT.MAXCNT for every new transfer.
If the EasyDMA transfer on the isochronous endpoint is not completed before the next SOF event, the
result of the transfer is undefined.
The maximum size of an isochronous OUT transfer in USB full-speed is 1023 bytes. The data buffer has to
be a multiple of 4 bytes and 32-bit aligned in Data RAM. However, the amount of bytes transferred on the
USB data endpoint can be of any size (up to 1023 bytes if not shared with an IN ISO endpoint).
If the last received ISO data packet is corrupted (wrong CRC), the USB controller generates an USBEVENT
event (at the same time as SOF) and indicates a CRC error on ISOOUTCRC in register EVENTCAUSE.
EasyDMA will transfer the data anyway if it has been set up properly.
USB host
USB device
OUT
DATA n+1
Start of frame
OUT
DATA n
Start of frame
OUT
DATA n+2
Start of frame
Events & tasks
Software
Figure 146: Isochronous OUT transfer
4463_156 v1.0
384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com