Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 383 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 383 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 379Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 380Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 381Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 382Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 387Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 437 page
background image
Peripherals
EasyDMA allows transferring ISO data directly from and to memory. EasyDMA transfers must be initiated
by the software, which can synchronize with the SOF (start of frame) events.
Because the timing of the start of frame is very accurate, the SOF event can be used for jobs such as
synchronizing a local timer through the SOF event and PPI. The SOF event gets synchronized to the 16 MHz
clock prior to being made available to the PPI.
Every start of frame increments a free-running counter, which can be read by software through the
FRAMECNTR register.
Each IN or OUT ISO data endpoint has to be explicitly enabled by software through register EPINEN or
EPOUTEN, according to the configuration declared by the device and selected by the host through the
SetConfig command. A disabled ISO IN data endpoint will not respond to any traffic from the host. A
disabled ISO OUT data endpoint will ignore any incoming traffic from the host.
The USBD peripheral has an internal 1 kB buffer associated with ISO endpoints. The user can either
allocate the full amount to the IN or the OUT endpoint, or split the buffer allocation between the two
using register ISOSPLIT.
The internal buffer also sets the maximum size of the ISO OUT and ISO IN transfers: 1023 bytes when the
full buffer is dedicated to either ISO OUT or ISO IN, and half when the buffer is split between the two.
6.26.11.1 Isochronous IN transaction
When the host wants to receive isochronous (ISO) data, it issues an IN token on the isochronous endpoint.
After the data has been transferred using the EasyDMA, the USB controller on the isochronous IN
endpoint responds to the IN token with the transferred data using the ISOIN.MAXCNT for the size of the
packet.
The ISO IN data endpoint has to be explicitly enabled by software through the ISOIN0 bit in register
EPINEN.
When an ISO IN endpoint is enabled and no data transferred with EasyDMA, the response of the USBD
depends on the setting of the RESPONSE field in register ISOINCONFIG. It can either provide no response
to an IN token or respond with a zero-length data.
If the EasyDMA transfer on the isochronous endpoint is not completed before the next SOF event, the
result of the transfer is undefined.
The maximum size of an ISO IN transfer in USB full-speed is 1023 bytes. The data buffer has to be a
multiple of 4 bytes 32-bit aligned in memory. However, the amount of bytes transferred on the USB data
endpoint can be of any size (up to 1023 bytes, if not shared with an OUT ISO endpoint).
USB host
USB device
DATA(0)
Start of frame
IN
IN
DATA n
Start of frame
response depends on the RESPONSE field in the
ISOINCONFIG register
Events & tasks
Software
Figure 145: Isochronous IN transfer
4463_156 v1.0
383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com