Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 381 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 381 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 377Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 378Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 379Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 380Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 381Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 382Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 385Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 437 page
background image
Peripherals
If incoming data is corrupted (CRC does not match), the USBD controller automatically prevents DATA0/
DATA1 from toggling, to request the host to resend the data.
In some specific cases, the software may want to force a data toggle (usually reset) on a specific IN
endpoint, or force the expected toggle on an OUT endpoint, for instance as a consequence of the host
issuing
ClearFeature, SetInterface, or selecting an alternate setting. Controlling the data toggle
of data IN or OUT endpoint n (n=1..7) is done through register DTOGGLE.
The bulk/interrupt transaction in USB full-speed can be of any size up to 64 bytes. It must be a multiple of
four bytes and 32-bit aligned in memory.
When the USB transaction has completed, an EPDATA event is generated. Until new data has been
transferred by EasyDMA from memory to the USBD peripheral (signalled by the ENDEPIN[n] event), the
hardware will automatically respond with NAK to all incoming IN tokens. Software has to configure and
start the EasyDMA transfer once it is ready to send more data.
Each IN or OUT data endpoint has to be explicitly enabled by software through register EPINEN or
EPOUTEN, according to the configuration declared by the device and selected by the host through the
SetConfig command.
A disabled data endpoint will not respond to any traffic from the host. An enabled data endpoint will
normally respond NAK or ACK (depending on the readiness of the buffers), or STALL (if configured in
register EPSTALL), in which case the endpoint is asked to halt. The halted (or not) state of a given endpoint
can be read back from register HALTED.EPIN[n] or HALTED.EPOUT[n]. The format of the returned 16-bit
value can be copied as is, as a response to a
GetStatusEndpoint request from the host.
Enabling or disabling an endpoint will not change its halted state. However, a USB reset will disable and
clear the halted state of all data endpoints.
The control endpoint 0 IN and OUT can also be enabled and/or halted using the same mechanisms, but
due to USB specification, receiving a SETUP will override its state.
6.26.10.1 Bulk and interrupt IN transaction
The host issues IN tokens to receive bulk/interrupt data. In order to send data, the software has to enable
the endpoint and prepare an EasyDMA transfer on the desired endpoint.
Bulk/interrupt IN endpoints are enabled or disabled through their respective INn bit (n=1..7) in EPINEN
register.
It is also possible to stall or resume communication on an endpoint through the EPSTALL register.
USB host
USB device
IN
DATA (0)
ACK
IN
NAK
IN
NAK
Events & tasks
Software
Figure 143: Bulk/interrupt IN transaction
4463_156 v1.0
381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com