Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 385 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 385 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 381Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 382Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 387Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 388Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 389Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 437 page
background image
Peripherals
6.26.12 USB register access limitations
Some of the registers in USBD cannot be accessed in specific conditions.
This may be the case when USBD is not enabled (using the ENABLE register) and ready (signalled by the
READY bit in EVENTCAUSE after a USBEVENT event), or when USBD is in low power mode while the USB
bus is suspended.
Triggering any tasks, including the tasks triggered through the PPI, is affected by this behavior. In addition,
the following registers are affected:
• HALTED.EPIN[0..7]
• HALTED.EPOUT[0..7]
• USBADDR
• BMREQUESTTYPE
• BREQUEST
• WVALUEL
• WVALUEH
• WINDEXL
• WINDEXH
• WLENGTHL
• WLENGTHH
• SIZE.EPOUT[0..7]
• SIZE.ISOOUT
• USBPULLUP
• DTOGGLE
• EPINEN
• EPOUTEN
• EPSTALL
• ISOSPLIT
• FRAMECNTR
6.26.13 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40027000
USBD
USBD
Universal serial bus device
Table 111: Instances
Register
Offset
Description
TASKS_STARTEPIN[0]
0x004
Captures the EPIN[0].PTR and EPIN[0].MAXCNT registers values, and enables endpoint IN 0 to
respond to traffic from host
TASKS_STARTEPIN[1]
0x008
Captures the EPIN[1].PTR and EPIN[1].MAXCNT registers values, and enables endpoint IN 1 to
respond to traffic from host
TASKS_STARTEPIN[2]
0x00C
Captures the EPIN[2].PTR and EPIN[2].MAXCNT registers values, and enables endpoint IN 2 to
respond to traffic from host
TASKS_STARTEPIN[3]
0x010
Captures the EPIN[3].PTR and EPIN[3].MAXCNT registers values, and enables endpoint IN 3 to
respond to traffic from host
TASKS_STARTEPIN[4]
0x014
Captures the EPIN[4].PTR and EPIN[4].MAXCNT registers values, and enables endpoint IN 4 to
respond to traffic from host
TASKS_STARTEPIN[5]
0x018
Captures the EPIN[5].PTR and EPIN[5].MAXCNT registers values, and enables endpoint IN 5 to
respond to traffic from host
4463_156 v1.0
385



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com