Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 230 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 230 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 226Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 227Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 228Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 229Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 230Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 231Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 232Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 233Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 234Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 437 page
background image
Peripherals
6.13.4 Electrical specification
6.13.4.1 RNG Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tRNG,START
Time from setting the START task to generation begins.
This is a one-time delay on START signal and does not apply
between samples.
128
µs
tRNG,RAW
Run time per byte without bias correction. Uniform
distribution of 0 and 1 is not guaranteed.
30
µs
tRNG,BC
Run time per byte with bias correction. Uniform distribution
of 0 and 1 is guaranteed. Time to generate a byte cannot be
guaranteed.
120
µs
6.14 RTC — Real-time counter
The Real-time counter (RTC) module provides a generic, low power timer on the low-frequency clock
source (LFCLK).
RTC
32.768 kHz
CC[0:3]
PRESCALER
COUNTER
task
CLEAR
task
TRIGOVRFLW
event
TICK
event
OVRFLW
event
COMPARE[0..N]
task
START
task
STOP
Figure 80: RTC block schematic
The RTC module features a 24-bit COUNTER, a 12-bit (1/X) prescaler, capture/compare registers, and a tick
event generator for low power, tickless RTOS implementation.
6.14.1 Clock source
The RTC runs off the LFCLK.
The COUNTER resolution is 30.517 µs. Depending on the source, the RTC is able to run while the HFCLK is
OFF and PCLK16M is not available.
The software has to explicitly start LFCLK before using the RTC.
See CLOCK — Clock control on page 69 for more information about clock sources.
6.14.2 Resolution versus overflow and the PRESCALER
4463_156 v1.0
230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com