Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 231 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 231 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 227Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 228Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 229Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 230Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 231Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 232Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 233Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 234Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 235Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 437 page
background image
Peripherals
Counter increment frequency:
fRTC [kHz] = 32.768 / (PRESCALER + 1 )
The PRESCALER register is read/write when the RTC is stopped. The PRESCALER register is read-only once
the RTC is STARTed. Writing to the PRESCALER register when the RTC is started has no effect.
The PRESCALER is restarted on START, CLEAR, and TRIGOVRFLW, meaning the prescaler value is latched to
an internal register (<<PRESC>>) on these tasks.
Examples of different frequency configurations are as following:
• Desired COUNTER frequency 100 Hz (10 ms counter period)
PRESCALER = round(32.768 kHz / 100 Hz) - 1 = 327
fRTC = 99.9 Hz
10009.576 μs counter period
• Desired COUNTER frequency 8 Hz (125 ms counter period)
PRESCALER = round(32.768 kHz / 8 Hz) – 1 = 4095
fRTC = 8 Hz
125 ms counter period
Prescaler
Counter resolution
Overflow
0
30.517 μs
512 seconds
28-1
7812.5 μs
131072 seconds
212-1
125 ms
582.542 hours
Table 66: RTC resolution versus overflow
6.14.3 COUNTER register
The COUNTER increments on LFCLK when the internal PRESCALER register (<<PRESC>>) is 0x00.
<<PRESC>> is reloaded from the PRESCALER register. If enabled, the TICK event occurs on each increment
of the COUNTER. The TICK event is disabled by default.
SysClk
LFClk
PRESC
<<PRESC>>
0x000
0x000
0x000
0x000
TICK
COUNTER
0x000002
0x000003
0x000
0x000001
0x000000
Figure 81: Timing diagram - COUNTER_PRESCALER_0
4463_156 v1.0
231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com