Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 235 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 235 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 231Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 232Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 233Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 234Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 235Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 236Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 237Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 238Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 239Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 437 page
background image
Peripherals
SysClk
LFClk
PRESC
COUNTER
CC[0]
COMPARE[0]
0x000
N-2
N-1
N
N+1
0
X
N+1
≥ 0
Figure 88: Timing diagram - COMPARE_N+1
• If the COUNTER is N and the current CC register value is N+1 or N+2 when a new CC value is written, a
match may trigger on the previous CC value before the new value takes effect. If the current CC value is
greater than N+2 when the new value is written, there will be no event due to the old value.
SysClk
LFClk
PRESC
COUNTER
CC[0]
COMPARE[0]
0x000
N-2
N-1
N
N+1
0
1
N
X
≥ 0
Figure 89: Timing diagram - COMPARE_N-1
6.14.8 TASK and EVENT jitter/delay
Jitter or delay in the RTC is due to the peripheral clock being a low frequency clock (LFCLK) which is not
synchronous to the faster PCLK16M.
Registers in the peripheral interface, part of the PCLK16M domain, have a set of mirrored registers in the
LFCLK domain. For example, the COUNTER value accessible from the CPU is in the PCLK16M domain and
is latched on read from an internal register called COUNTER in the LFCLK domain. COUNTER is the register
which is actually modified each time the RTC ticks. These registers must be synchronised between clock
domains (PCLK16M and LFCLK).
The following is a summary of the jitter introduced on tasks and events.
Task
Delay
CLEAR, STOP, START, TRIGOVRFLOW
+15 to 46 μs
Table 67: RTC jitter magnitudes on tasks
4463_156 v1.0
235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com