Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 236 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 236 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 232Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 233Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 234Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 235Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 236Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 237Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 238Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 239Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 240Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 437 page
background image
Peripherals
Operation/Function
Jitter
START to COUNTER increment
+/- 15 μs
COMPARE to COMPARE 18
+/- 62.5 ns
Table 68: RTC jitter magnitudes on events
Note: 32.768 kHz clock jitter is additional to the numbers provided above.
CLEAR and STOP (and TRIGOVRFLW; not shown) will be delayed as long as it takes for the peripheral to
clock a falling edge and rising of the LFCLK. This is between 15.2585 μs and 45.7755 μs – rounded to 15 μs
and 46 μs for the remainder of the section.
0x000
SysClk
LFClk
PRESC
COUNTER
CLEARa
X
X+1
0x000000
0x000001
0 or more SysClk after
CLEAR
CLEARb
1 or more SysClk before
≤ ~46 µs
≥ ~15 µs
Figure 90: Timing diagram - DELAY_CLEAR
SysClk
LFClk
PRESC
COUNTER
STOPa
X
X+1
0 or more SysClk after
STOP
STOPb
1 or more SysClk before
≤ ~46 µs
≥ ~15 µs
0x000
Figure 91: Timing diagram - DELAY_STOP
The START task will start the RTC. Assuming that the LFCLK was previously running and stable, the first
increment of COUNTER (and instance of TICK event) will be typically after 30.5 μs +/-15 μs. In some
cases, in particular if the RTC is STARTed before the LFCLK is running, that timing can be up to ~250 μs.
The software should therefore wait for the first TICK if it has to make sure the RTC is running. Sending a
TRIGOVRFLW task sets the COUNTER to a value close to overflow. However, since the update of COUNTER
relies on a stable LFCLK, sending this task while LFCLK is not running will start LFCLK, but the update will
then be delayed by the same amount of time of up to ~250 μs. The figures show the shortest and longest
delays on the START task which appears as a +/-15 μs jitter on the first COUNTER increment.
18 Assumes RTC runs continuously between these events.
4463_156 v1.0
236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com