Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 252 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 252 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 248Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 249Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 250Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 251Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 252Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 253Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 254Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 255Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 256Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 437 page
background image
Peripherals
START
CPU
1
ENDTX
0
1
2
n
ORC
ORC
CSN
SCK
MOSI
A
B
C
m-2
m-1
m
MISO
2
ENDRX
Figure 100: SPI master transaction
The ENDTX is generated when all bytes in buffer TXD.PTR on page 261 are transmitted. The number of
bytes in the transmit buffer is specified in register TXD.MAXCNT on page 261. The ENDRX event will be
generated when buffer RXD.PTR on page 260 is full, meaning the number of bytes specified in register
RXD.MAXCNT on page 260 have been received. The transaction stops automatically after all bytes have
been transmitted/received. When the maximum number of bytes in the receive buffer is larger than the
number of bytes in the transmit buffer, the contents of register ORC on page 262 will be transmitted
after the last byte in the transmit buffer has been transmitted.
The END event will be generated after both the ENDRX and ENDTX events have been generated.
The SPI master can be stopped in the middle of a transaction by triggering the STOP task. When triggering
the STOP task, SPIM will complete the transmission/reception of the current byte before stopping. A
STOPPED event is generated when the SPI master has stopped.
If the ENDTX event has not already been generated when the SPI master has come to a stop, the ENDTX
event will be generated even if all bytes in the buffer TXD.PTR on page 261 have not been transmitted.
If the ENDRX event has not already been generated when the SPI master has come to a stop, the ENDRX
event will be generated even if the buffer RXD.PTR on page 260 is not full.
A transaction can be suspended and resumed using the SUSPEND and RESUME tasks. When the SUSPEND
task is triggered, the SPI master will complete transmitting and receiving the current ongoing byte before
it is suspended.
6.16.2 Pin configuration
The SCK, MOSI, and MISO signals associated with SPIM are mapped to physical pins according to the
configuration specified in the PSEL.n registers.
The contents of registers PSEL.SCK on page 258, PSEL.MOSI on page 259, and PSEL.MISO on page
259 are only used when SPIM is enabled, and retained only as long as the device is in System ON mode.
The PSEL.n registers can only be configured when SPIM is disabled. Enabling/disabling is done using
register ENABLE on page 258.
4463_156 v1.0
252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com