Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 253 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 253 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 249Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 250Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 251Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 252Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 253Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 254Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 255Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 256Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 257Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 437 page
background image
Peripherals
To ensure correct behavior, the pins used by SPIM must be configured in the GPIO peripheral as described
in GPIO configuration on page 253 before SPIM is enabled.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
SPI master signal
SPI master pin
Direction
Output value
Comments
SCK
As specified in PSEL.SCK
on page 258
Output
Same as CONFIG.CPOL
MOSI
As specified in PSEL.MOSI
on page 259
Output
0
MISO
As specified in PSEL.MISO
on page 259
Input
Not applicable
Table 75: GPIO configuration
SPIM does not support automatic control of CSN. The available GPIO pins need to be used to control CSN
directly.
SPIM supports SPI modes 0 through 3. The clock polarity (CPOL) and the clock phase (CPHA) are
configured in register CONFIG on page 262.
Mode
Clock polarity
Clock phase
CPOL
CPHA
SPI_MODE0
0 (Active High)
0 (Leading)
SPI_MODE1
0 (Active High)
1 (Trailing)
SPI_MODE2
1 (Active Low)
0 (Leading)
SPI_MODE3
1 (Active Low)
1 (Trailing)
Table 76: SPI modes
6.16.3 EasyDMA
SPIM implements EasyDMA for accessing RAM without CPU involvement.
The SPIM peripheral implements the following EasyDMA channels.
Channel
Type
Register Cluster
TXD
READER
TXD
RXD
WRITER
RXD
Table 77: SPIM EasyDMA Channels
For detailed information regarding the use of EasyDMA, see EasyDMA on page 37.
The .PTR and .MAXCNT registers are double-buffered. They can be updated and prepared for the next
transmission immediately after having received the STARTED event.
The SPI master will automatically stop transmitting after TXD.MAXCNT bytes have been transmitted
and RXD.MAXCNT bytes have been received. If RXD.MAXCNT is larger than TXD.MAXCNT, the remaining
transmitted bytes will contain the value defined in the ORC register. If TXD.MAXCNT is larger than
RXD.MAXCNT, the superfluous received bytes will be discarded.
The ENDRX/ENDTX event indicate that EasyDMA has finished accessing respectively the RX/TX buffer in
RAM. The END event gets generated when both RX and TX are finished accessing the buffers in RAM.
4463_156 v1.0
253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com