Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 263 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 263 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 259Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 260Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 261Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 262Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 263Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 264Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 265Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 266Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 267Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 437 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
tSPIM,START
Time from START task to transmission started
1
µs
tSPIM,CSCK
SCK period
125
ns
tSPIM,RSCK,LD
SCK rise time, standard drive 23
tRF,25pF
tSPIM,RSCK,HD
SCK rise time, high drive23
tHRF,25pF
tSPIM,FSCK,LD
SCK fall time, standard drive23
tRF,25pF
tSPIM,FSCK,HD
SCK fall time, high drive23
tHRF,25pF
tSPIM,WHSCK
SCK high time23
(tCSCK/2)
– tRSCK
tSPIM,WLSCK
SCK low time23
(tCSCK/2)
– tFSCK
tSPIM,SUMI
MISO to CLK edge setup time
19
ns
tSPIM,HMI
CLK edge to MISO hold time
18
ns
tSPIM,VMO
CLK edge to MOSI valid, SCK frequency ≤ 8 MHz
59
ns
tSPIM,VMO,HS
CLK edge to MOSI valid, SCK frequency > 8 MHz
8
ns
tSPIM,HMO
MOSI hold time after CLK edge
20
ns
tHMO
MSb
LSb
MSb
LSb
MOSI (out)
MISO (in)
CPOL=0
CPHA=0
tSUMI
tHMI
tRSCK
tFSCK
tCSCK
tWHSCK
tWLSCK
tVMO
CPOL=1
CPHA=0
CPOL=0
CPHA=1
CPOL=1
CPHA=1
Figure 101: SPIM timing diagram
6.17 SPIS — Serial peripheral interface slave with
EasyDMA
SPI slave (SPIS) is implemented with EasyDMA support for ultra-low power serial communication from an
external SPI master. EasyDMA, in conjunction with hardware-based semaphore mechanisms, removes all
real-time requirements associated with controlling the SPI slave from a low priority CPU execution context.
23 At 25 pF load, including GPIO pin capacitance, see GPIO electrical specification.
4463_156 v1.0
263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com