Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 267 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 267 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 263Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 264Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 265Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 266Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 267Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 268Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 269Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 270Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 271Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 437 page
background image
Peripherals
6.17.4 Pin configuration
The CSN, SCK, MOSI, and MISO signals associated with the SPI slave are mapped to physical pins according
to the configuration specified in the PSEL.CSN, PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers respectively.
If the CONNECT field of any of these registers is set to Disconnected, the associated SPI slave signal will not
be connected to any physical pins.
The PSEL.CSN, PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers and their configurations are only used as
long as the SPI slave is enabled, and retained only as long as the device is in System ON mode. See POWER
— Power supply on page 49 chapter for more information about power modes. When the peripheral is
disabled, the pins will behave as regular GPIOs and use the configuration in their respective OUT bit field
and PIN_CNF[n] register. PSEL.CSN, PSEL.SCK, PSEL.MOSI, and PSEL.MISO must only be configured when
the SPI slave is disabled.
To secure correct behavior in the SPI slave, the pins used by the SPI slave must be configured in the GPIO
peripheral as described in GPIO configuration before enabling peripheral on page 267 before enabling
the SPI slave. This is to secure that the pins used by the SPI slave are driven correctly if the SPI slave itself
is temporarily disabled, or if the device temporarily enters System OFF. This configuration must be retained
in the GPIO for the selected I/Os as long as the SPI slave is to be recognized by an external SPI master.
The MISO line is set in high impedance as long as the SPI slave is not selected with CSN.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
SPI signal
SPI pin
Direction
Output value Comment
CSN
As specified in PSEL.CSN
Input
Not applicable
SCK
As specified in PSEL.SCK
Input
Not applicable
MOSI
As specified in PSEL.MOSI
Input
Not applicable
MISO
As specified in PSEL.MISO
Input
Not applicable Emulates that the SPI slave is not selected.
Table 82: GPIO configuration before enabling peripheral
6.17.5 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40003000
SPIS
SPIS0
SPI slave 0
0x40004000
SPIS
SPIS1
SPI slave 1
Table 83: Instances
Register
Offset
Description
TASKS_ACQUIRE
0x024
Acquire SPI semaphore
TASKS_RELEASE
0x028
Release SPI semaphore, enabling the SPI slave to acquire it
EVENTS_END
0x104
Granted transaction completed
EVENTS_ENDRX
0x110
End of RXD buffer reached
EVENTS_ACQUIRED
0x128
Semaphore acquired
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
SEMSTAT
0x400
Semaphore status register
STATUS
0x440
Status from last transaction
ENABLE
0x500
Enable SPI slave
PSEL.SCK
0x508
Pin select for SCK
PSEL.MISO
0x50C
Pin select for MISO signal
4463_156 v1.0
267



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com